Electronic Components Datasheet Search
  English  ▼

X  

HIP5063 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HIP5063
Description  Power Control IC Single Chip Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5063 Datasheet(HTML) 4 Page - Intersil Corporation

  HIP5063 Datasheet HTML 1Page - Intersil Corporation HIP5063 Datasheet HTML 2Page - Intersil Corporation HIP5063 Datasheet HTML 3Page - Intersil Corporation HIP5063 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Pin Descriptions
PAD NUMBER
DESIGNATION
DESCRIPTION
1
VCMP
This is the input terminal from an external error amplifier. A MOS input voltage follower buffers
this terminal. The buffer output is the IRFO terminal. The external error amplifier may be either
an operational amplifier or a transconductance amplifier like the CA3080. This node may be used
for both gain and frequency compensation of the control loop.
2VDDA
This is the analog supply input. An external 12V supply is required.
3VDDD
Voltage input for the chip’s digital circuits.
4
FLLN
One pad of two clocking terminals. This terminal has an external 50
µA pull-up current that allows
the terminal to be floated or be left open. With FLLN high, (open or tied to VDDD), the ON cycle
will start wiith the falling edge of the CLCK input. With FLLN low or grounded, the DMOS ON
cycle will start on the rising edge of the CLCK input.
5
CLCK
The other clock input pad. An external clock is applied to this terminal. This terminal has no pull-
up current or resistance. See FLLN above for phasing information.
6
COOL
Over-temperature indication is provided at this pad. When the chip temperature is below the ther-
mal threshold, the open drain DMOS transistor is in the high impedance state. When the thermal
threshold is exceeded, COOL is held low.
7
TMON
This is the thermal shut down pad than can be used to disable the thermal shutdown circuit. By
returning this pad to VDDA or 12V the function is disabled. Returning this pad to ground will en-
able the thermal monitor function. Thermal threshold occurs at a nominal junction temperature
of +125oC.
8
IRFO
A resistor placed between this pad and IRFI converts the VCMP signal to a reference current for
the current sense comparator. The cycle by cycle peak current is set by the value to this resistor
according the the equation: IPEAK = 4500 x VCMP/R. Where IPEAK is in amperes and R is the
value of the external resistor in ohms. A maximum VCMP of 8V and a resistor of 1800
Ω will keep
the drain current below the absolute maximum specification of 20A.
9IRFI
See IRFO.
10
AGND
Analog ground.
11
DGND
Digital ground.
12 & 21
VDDP
These pads are used to decouple the high current pulses to the output driver transistors. The
capacitor should be at least a 0.1
µF chip capacitor placed close to this pad and the DMOS
source pads.
13, 15, 17, 19
S
Source pads of the DMOS power transistor.
14, 16, 18, 20
D
Drain pads of the DMOS power transistor.
HIP5063



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com