Electronic Components Datasheet Search
  English  ▼

X  

OPA202 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA202
Description  OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA202 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA202 Datasheet HTML 17Page - Texas Instruments OPA202 Datasheet HTML 18Page - Texas Instruments OPA202 Datasheet HTML 19Page - Texas Instruments OPA202 Datasheet HTML 20Page - Texas Instruments OPA202 Datasheet HTML 21Page - Texas Instruments OPA202 Datasheet HTML 22Page - Texas Instruments OPA202 Datasheet HTML 23Page - Texas Instruments OPA202 Datasheet HTML 24Page - Texas Instruments OPA202 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
C
load
+
±
V
in
V
out
+V
s
R
iso
-V
s
21
OPA202, OPA2202, OPA4202
www.ti.com
SBOS812H – OCTOBER 2017 – REVISED MAY 2020
Product Folder Links: OPA202 OPA2202 OPA4202
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Feature Description (continued)
For additional drive capability in unity-gain configurations, insert a small (10 Ω to 20 Ω) resistor (RISO) in series
with the output to improve capacitive load drive, as shown in Figure 41. This resistor reduces ringing and
maintains dc performance for purely capacitive loads. However, if a resistive load is in parallel with the capacitive
load, then a voltage divider is created, which introduces a gain error at the output and reduces the output swing.
The error is proportional to the ratio RISO / RL, and is generally negligible at low output levels. A high capacitive
load drive makes the OPAx202 a great choice for applications such as reference buffers, MOSFET gate drives,
and cable-shield drives. The circuit shown in Figure 41 uses an isolation resistor (RISO) to stabilize the output of
an op amp. RISO modifies the open-loop gain of the system for increased phase margin. Table 2 lists the results
using the OPAx202. For additional information on techniques to optimize and design using this circuit, TI
Precision Design TIPD128 details complete design goals, simulation, and test results.
Figure 41. Extending Capacitive Load Drive With the OPAx202
Table 2. OPAx202 Capacitive Load Drive Solution Using Isolation Resistor Measured Results
PARAMETER
MEASURED OVERSHOOT (%)
INVERTING CONFIGURATION
NONINVERTING CONFIGURATION
CLOAD (pF)
RISO = 0 Ω
RISO = 25 Ω
RISO = 50 Ω
RISO = 0 Ω
RISO = 25 Ω
RISO = 50 Ω
31
8.6
6.6
6.6
9.3
9
9.4
251
6.7
6.4
6.7
8.9
8.9
8.9
421
6.4
6.3
6.6
8.8
8.8
8.7
641
6.7
6.3
6.5
8.1
8.8
8.5
1079
6.1
6.1
6.4
8.6
8.7
9.8
1539
6.4
6.3
6.1
8.9
10.3
10.1
2579
6.1
6.3
6.9
16
13.3
12
3949
8.1
7.9
8.3
25
16
14.1
6269
14.9
10.8
9.9
33.1
18.1
14.5
10139
21.8
13.5
10.8
40.2
19.1
15.4
15729
29.4
15.2
11.6
46.2
19.6
14.5
25069
37
16.5
12.3
52.6
19.2
13.9
For step-by-step design procedure, circuit schematics, bill of materials, printed circuit board (PCB) files, simulation results, and test results,
see TIPD128, Capacitive Load Drive Solution Using an Isolation Resistor verified reference design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com