Electronic Components Datasheet Search
  English  ▼

X  

OPA202 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA202
Description  OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA202 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA202 Datasheet HTML 8Page - Texas Instruments OPA202 Datasheet HTML 9Page - Texas Instruments OPA202 Datasheet HTML 10Page - Texas Instruments OPA202 Datasheet HTML 11Page - Texas Instruments OPA202 Datasheet HTML 12Page - Texas Instruments OPA202 Datasheet HTML 13Page - Texas Instruments OPA202 Datasheet HTML 14Page - Texas Instruments OPA202 Datasheet HTML 15Page - Texas Instruments OPA202 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
±400
±300
±200
±100
0
100
200
300
400
±75
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
C001
±120
±80
±40
0
40
80
120
±20
±15
±10
±5
0
5
10
15
20
Input Common-mode Voltage (V)
C003
V
CM = ± 16.5 V
V
CM = 16.5 V
20
16
12
8
4
0
4
8
12
16
20
Input Bias Current (pA)
C013
±IN Bias Current
+IN Bias Current
0
5
10
15
20
25
30
35
Input Offset Current (pA)
C013
0
5
10
15
20
Input Offset Voltage (µV)
C002
0
5
10
15
20
25
30
Input Offset Voltage Drift (µV/ƒC)
C001
12
OPA202, OPA2202, OPA4202
SBOS812H – OCTOBER 2017 – REVISED MAY 2020
www.ti.com
Product Folder Links: OPA202 OPA2202 OPA4202
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
6.9 Typical Characteristics
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
µ = –3.56 µV
σ = 32.09 µV
N = 252
Figure 1. Offset Voltage Production Distribution
µ = –18.23 nV/°C
σ = 177.41 nV/°C
N = 252
TA = –40°C to +105°C
Figure 2. Offset Voltage Drift Distribution
µ–IN = 112.335 pA
σ–IN = 154.946 pA
N = 90
µ+IN = 112.448 pA
σ+IN = 152.739 pA
Figure 3. Input Bias Current Production Distribution
µ = 0.112 pA
σ = 15.023 pA
N = 90
Figure 4. Input Offset Current Production Distribution
5 typical units
Figure 5. Offset Voltage vs Temperature
5 typical units
Figure 6. Offset Voltage vs Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com