Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS09 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS09
Description  SN74HCS09 Quadruple 2-Input AND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCS09 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74HCS09 Datasheet HTML 3Page - Texas Instruments SN74HCS09 Datasheet HTML 4Page - Texas Instruments SN74HCS09 Datasheet HTML 5Page - Texas Instruments SN74HCS09 Datasheet HTML 6Page - Texas Instruments SN74HCS09 Datasheet HTML 7Page - Texas Instruments SN74HCS09 Datasheet HTML 8Page - Texas Instruments SN74HCS09 Datasheet HTML 9Page - Texas Instruments SN74HCS09 Datasheet HTML 10Page - Texas Instruments SN74HCS09 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Input
50%
VOH
VOL
tPLZ
(1)
tPZL
(2)
VOH
VOL
tPZL
(2)
tPLZ
(1)
50%
50%
50%
VCC
0 V
10% VCC
Output
Output
10%
VOH
VOL
Output
VCC
0 V
Input
tf
(1)
tr
(1)
90%
10%
90%
10%
tr
(1)
90%
10%
tf
(1)
90%
10%
CL
(1)
RL
From Output
Under Test
VCC
Test
Point
S1
7
SN74HCS09
www.ti.com
SCLS779 – JUNE 2020
Product Folder Links: SN74HCS09
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
7 Parameter Measurement Information
•
Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators
having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tt < 2.5 ns.
•
The outputs are measured one at a time, with one input transition per measurement.
CL= 50 pF and includes probe and jig capacitance.
Figure 4. Load Circuit
Figure 5. Voltage Waveforms
Transition Times
The maximum between tPLH and tPHL is used for tpd.
Figure 6. Voltage Waveforms
Propagation Delays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com