Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS09 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS09
Description  SN74HCS09 Quadruple 2-Input AND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCS09 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS09 Datasheet HTML 1Page - Texas Instruments SN74HCS09 Datasheet HTML 2Page - Texas Instruments SN74HCS09 Datasheet HTML 3Page - Texas Instruments SN74HCS09 Datasheet HTML 4Page - Texas Instruments SN74HCS09 Datasheet HTML 5Page - Texas Instruments SN74HCS09 Datasheet HTML 6Page - Texas Instruments SN74HCS09 Datasheet HTML 7Page - Texas Instruments SN74HCS09 Datasheet HTML 8Page - Texas Instruments SN74HCS09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74HCS09
SCLS779 – JUNE 2020
SN74HCS09 Quadruple 2-Input AND Gates with Open-Drain Outputs and Schmitt-Trigger
Inputs
1
1 Features
1
•
Wide operating voltage range: 2 V to 6 V
•
Schmitt-trigger inputs allow for slow or noisy input
signals
•
Low power consumption
–
Typical ICC of 100 nA
–
Typical input leakage current of ±100 nA
•
±7.8-mA output drive at 5 V
•
Extended ambient temperature range: –40°C to
+125°C, TA
2 Applications
•
Combining power good signals
•
Enable digital signals
3 Description
This device contains four independent 2-input AND
gates with open-drain outputs and Schmitt-trigger
inputs. Each gate performs the Boolean function
Y = A
● B in positive logic.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74HCS09PWR
TSSOP (14)
5.00 mm × 4.40 mm
SN74HCS09DR
SOIC (14)
8.70 mm × 3.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Benefits of Schmitt-trigger Inputs


Similar Part No. - SN74HCS09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS09 TI2-SN74HCS09 Datasheet
993Kb / 23P
SN74HCS09-Q1 Automotive Quadruple 2-Input AND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
REVISED OCTOBER 2020
SN74HCS09 TI2-SN74HCS09 Datasheet
1Mb / 25P
SN74HCS09 Quadruple 2-Input AND Gates with Open-Drain Outputs and Schmitt- Trigger Inputs
REVISED OCTOBER 2020
SN74HCS09-Q1 TI1-SN74HCS09-Q1 Datasheet
283Kb / 16P
SN74HCS09-Q1 Automotive Quadruple 2-Input AND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS09-Q1 TI2-SN74HCS09-Q1 Datasheet
993Kb / 23P
SN74HCS09-Q1 Automotive Quadruple 2-Input AND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
REVISED OCTOBER 2020
SN74HCS09-Q1 TI2-SN74HCS09-Q1 Datasheet
1Mb / 25P
SN74HCS09 Quadruple 2-Input AND Gates with Open-Drain Outputs and Schmitt- Trigger Inputs
REVISED OCTOBER 2020
More results

Similar Description - SN74HCS09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS08-Q1 TI1-SN74HCS08-Q1 Datasheet
257Kb / 16P
Automotive Quadruple 2-Input Positive-AND Gates with Schmitt-trigger Inputs
SN74HCS08 TI1-SN74HCS08 Datasheet
330Kb / 18P
SN74HCS08 Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS03-Q1 TI1-SN74HCS03-Q1 Datasheet
284Kb / 16P
SN74HCS03-Q1 Automotive Quadruple 2-Input NAND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS09-Q1 TI1-SN74HCS09-Q1 Datasheet
283Kb / 16P
SN74HCS09-Q1 Automotive Quadruple 2-Input AND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS03 TI1-SN74HCS03 Datasheet
283Kb / 15P
SN74HCS03 Quadruple 2-Input NAND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS08 TI1-SN74HCS08_V01 Datasheet
993Kb / 22P
SN74HCS08 Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS266 TI1-SN74HCS266 Datasheet
1Mb / 21P
SN74HCS266 Quadruple 2-Input XNOR gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS266-Q1 TI1-SN74HCS266-Q1 Datasheet
339Kb / 15P
SN74HCS266-Q1 Automotive Quadruple 2-Input XNOR gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS08 TI-SN74HCS08_V02 Datasheet
1Mb / 24P
SN74HCS08 Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS08 TI-SN74HCS08_V03 Datasheet
2Mb / 31P
SN74HCS08 Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com