Electronic Components Datasheet Search
  English  ▼

X  

0804853 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0804853
Description  FK-MC 0,5/ 3-ST-2,5
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804853 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0804853 Datasheet HTML 1Page - PHOENIX CONTACT 0804853 Datasheet HTML 2Page - PHOENIX CONTACT 0804853 Datasheet HTML 3Page - PHOENIX CONTACT 0804853 Datasheet HTML 4Page - PHOENIX CONTACT 0804853 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FK-MC 0,5/ 3-ST-2,5 Order No.: 1881338
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1881338
PHOENIX CONTACT Deutschland GmbH
Page 3 / 5
http://www.phoenixcontact.de
Mar 11, 2010
AWG/kcmil
28-20
UL
Nominal voltage UN
125 V
Nominal current IN
4 A
AWG/kcmil
28-20
Accessories
Item
Designation
Description
Marking
0804853
SK 2,54/2,8:FORTL.ZAHLEN
Marker card, printed horizontally, self-adhesive, 10-section marker
strip, 14 identical decades marked 1-10, 11-20 etc. up to 91-100,
sufficient for 140 terminal blocks
Tools
1205202
SZS 0,4X2,0
Screwdriver, bladed, matches all screw terminal blocks up to
1.5 mm² connection cross section, blade width: 2.5 mm, without
approvals
Additional products
Item
Designation
Description
General
1881451
MC 0,5/ 3-G-2,5
Header, Nominal current: 4 A, Nom. voltage: 80 V, Pitch: 2.5 mm,
Number of positions: 3, Color: green, Assembly: Soldering
1894817
MCD 0,5/ 3-G1-2,5
Header, Nominal current: 4 A, Nom. voltage: 80 V, Pitch: 2.5 mm,
Number of positions: 3, Color: green, Assembly: Soldering
1894927
MCDV 0,5/ 3-G1-2,5
Header, Nominal current: 4 A, Nom. voltage: 80 V, Pitch: 2.5 mm,
Number of positions: 3, Color: green, Assembly: Soldering
1881561
MCV 0,5/ 3-G-2,5
Header, Nominal current: 4 A, Nom. voltage: 80 V, Pitch: 2.5 mm,
Number of positions: 3, Color: green, Assembly: Soldering



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com