Electronic Components Datasheet Search
  English  ▼

X  

0804853 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804853
Description  FK-MC 0,5/ 3-ST-2,5
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804853 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804853 Datasheet HTML 1Page - PHOENIX CONTACT 0804853 Datasheet HTML 2Page - PHOENIX CONTACT 0804853 Datasheet HTML 3Page - PHOENIX CONTACT 0804853 Datasheet HTML 4Page - PHOENIX CONTACT 0804853 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Mar 11, 2010
Extract from the online
catalog
 
FK-MC 0,5/ 3-ST-2,5
Order No.: 1881338
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1881338
 
 
Plug component, Nominal current: 4 A, Nom. voltage: 100 V, Pitch:
2.5 mm, Number of positions: 3, Connection type: Spring-cage conn.,
Color: green
 
Commercial data
EAN
4017918156589
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.002185 KG
Catalog page information
Page 136 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
2.5 mm
Dimension a
5 mm
Number of positions
3


Similar Part No. - 0804853

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804853 PHOENIX-0804853 Datasheet
133Kb / 5P
FFKDS/V-2,54
0804853 PHOENIX-0804853 Datasheet
143Kb / 5P
FFKDS/H-2,54
0804853 PHOENIX-0804853 Datasheet
162Kb / 5P
FK-MC 0,5/ 2-ST-2,5
0804853 PHOENIX-0804853 Datasheet
163Kb / 5P
FK-MC 0,5/ 4-ST-2,5
0804853 PHOENIX-0804853 Datasheet
162Kb / 5P
FK-MC 0,5/ 5-ST-2,5
More results

Similar Description - 0804853

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1881325 PHOENIX-1881325 Datasheet
162Kb / 5P
FK-MC 0,5/ 2-ST-2,5
1881341 PHOENIX-1881341 Datasheet
163Kb / 5P
FK-MC 0,5/ 4-ST-2,5
1881354 PHOENIX-1881354 Datasheet
162Kb / 5P
FK-MC 0,5/ 5-ST-2,5
1881367 PHOENIX-1881367 Datasheet
163Kb / 5P
FK-MC 0,5/ 6-ST-2,5
1881370 PHOENIX-1881370 Datasheet
163Kb / 5P
FK-MC 0,5/ 7-ST-2,5
1881383 PHOENIX-1881383 Datasheet
163Kb / 5P
FK-MC 0,5/ 8-ST-2,5
1881396 PHOENIX-1881396 Datasheet
163Kb / 5P
FK-MC 0,5/ 9-ST-2,5
1881406 PHOENIX-1881406 Datasheet
163Kb / 5P
FK-MC 0,5/10-ST-2,5
1881422 PHOENIX-1881422 Datasheet
163Kb / 5P
FK-MC 0,5/12-ST-2,5
1704755 PHOENIX-1704755 Datasheet
66Kb / 4P
FK-MC 0,5/ 6-ST-2,5 BK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com