Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS27 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS27
Description  SN74HCS27 Triple 3-Input NOR Gates with Schmitt-Trigger Inputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCS27 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74HCS27 Datasheet HTML 3Page - Texas Instruments SN74HCS27 Datasheet HTML 4Page - Texas Instruments SN74HCS27 Datasheet HTML 5Page - Texas Instruments SN74HCS27 Datasheet HTML 6Page - Texas Instruments SN74HCS27 Datasheet HTML 7Page - Texas Instruments SN74HCS27 Datasheet HTML 8Page - Texas Instruments SN74HCS27 Datasheet HTML 9Page - Texas Instruments SN74HCS27 Datasheet HTML 10Page - Texas Instruments SN74HCS27 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
50%
Input
50%
VCC
0 V
50%
50%
VOH
VOL
tPLH
(1)
tPHL
(1)
VOH
VOL
tPHL
(1)
tPLH
(1)
Output
Output
50%
50%
7
SN74HCS27
www.ti.com
SCLS794A – FEBRUARY 2020 – REVISED JUNE 2020
Product Folder Links: SN74HCS27
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Parameter Measurement Information (continued)
The maximum between tPLH and TPHL is used for tpd.
Figure 7. Voltage Waveforms
Propagation Delays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com