Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS27 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS27
Description  SN74HCS27 Triple 3-Input NOR Gates with Schmitt-Trigger Inputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCS27 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS27 Datasheet HTML 1Page - Texas Instruments SN74HCS27 Datasheet HTML 2Page - Texas Instruments SN74HCS27 Datasheet HTML 3Page - Texas Instruments SN74HCS27 Datasheet HTML 4Page - Texas Instruments SN74HCS27 Datasheet HTML 5Page - Texas Instruments SN74HCS27 Datasheet HTML 6Page - Texas Instruments SN74HCS27 Datasheet HTML 7Page - Texas Instruments SN74HCS27 Datasheet HTML 8Page - Texas Instruments SN74HCS27 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74HCS27
SCLS794A – FEBRUARY 2020 – REVISED JUNE 2020
SN74HCS27 Triple 3-Input NOR Gates with Schmitt-Trigger Inputs
1
1 Features
1
•
Wide operating voltage range: 2 V to 6 V
•
Schmitt-trigger inputs allow for slow or noisy input
signals
•
Low power consumption
–
Typical ICC of 100 nA
–
Typical input leakage current of ±100 nA
•
±7.8-mA output drive at 5 V
•
Extended ambient temperature range: –40°C to
+125°C, TA
2 Applications
•
Alarm / tamper detect circuit
•
S-R latch
3 Description
This device contains three independent 3-input NOR
Gates with Schmitt-trigger inputs. Each gate performs
the Boolean function Y = A + B + C in positive logic.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74HCS27DR
SOIC (14)
8.70 mm × 3.90 mm
SN74HCS27PWR
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Benefits of Schmitt-trigger Inputs


Similar Part No. - SN74HCS27

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS27 TI1-SN74HCS27 Datasheet
368Kb / 19P
SN74HCS27 Triple 3-Input NOR Gates with Schmitt-Trigger Inputs
SN74HCS27 TI2-SN74HCS27 Datasheet
677Kb / 25P
SN74HCS27 Triple 3-Input NOR Gates with Schmitt-Trigger Inputs
REVISED JUNE 2020
SN74HCS27 TI2-SN74HCS27 Datasheet
677Kb / 25P
SN74HCS27-Q1 Automotive Triple 3-Input NOR Gates with Schmitt-Trigger Inputs
REVISED OCTOBER 2019
SN74HCS27-Q1 TI1-SN74HCS27-Q1 Datasheet
293Kb / 18P
SN74HCS27-Q1 Automotive Triple 3-Input NOR Gates with Schmitt-Trigger Inputs
SN74HCS27-Q1 TI1-SN74HCS27-Q1 Datasheet
415Kb / 21P
SN74HCS27-Q1 Automotive Triple 3-Input NOR Gates with Schmitt-Trigger Inputs
More results

Similar Description - SN74HCS27

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS27-Q1 TI1-SN74HCS27-Q1 Datasheet
293Kb / 18P
SN74HCS27-Q1 Automotive Triple 3-Input NOR Gates with Schmitt-Trigger Inputs
SN74HCS27-Q1 TI1-SN74HCS27-Q1_V01 Datasheet
415Kb / 21P
SN74HCS27-Q1 Automotive Triple 3-Input NOR Gates with Schmitt-Trigger Inputs
SN74HCS02 TI1-SN74HCS02 Datasheet
330Kb / 18P
SN74HCS02 Quadruple 2-Input NOR Gates with Schmitt-Trigger Inputs
SN74HCS10 TI1-SN74HCS10 Datasheet
375Kb / 18P
SN74HCS10 Triple 3-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS11 TI1-SN74HCS11 Datasheet
367Kb / 18P
SN74HCS11 Triple 3-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS27 TI1-SN74HCS27 Datasheet
368Kb / 19P
SN74HCS27 Triple 3-Input NOR Gates with Schmitt-Trigger Inputs
SN74HCS4075 TI1-SN74HCS4075 Datasheet
370Kb / 19P
SN74HCS4075 Triple 3-Input OR Gates with Schmitt-Trigger Inputs
SN74HCS10 TI1-SN74HCS10_V01 Datasheet
1,001Kb / 22P
SN74HCS10 Triple 3-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS11 TI1-SN74HCS11_V01 Datasheet
993Kb / 22P
SN74HCS11 Triple 3-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS4075 TI1-SN74HCS4075_V01 Datasheet
996Kb / 23P
SN74HCS4075 Triple 3-Input OR Gates with Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com