Electronic Components Datasheet Search
  English  ▼

X  

HSP50214VC Datasheet(PDF) 39 Page - Intersil Corporation

Part # HSP50214VC
Description  Programmable Downconverter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50214VC Datasheet(HTML) 39 Page - Intersil Corporation

Back Button HSP50214VC Datasheet HTML 35Page - Intersil Corporation HSP50214VC Datasheet HTML 36Page - Intersil Corporation HSP50214VC Datasheet HTML 37Page - Intersil Corporation HSP50214VC Datasheet HTML 38Page - Intersil Corporation HSP50214VC Datasheet HTML 39Page - Intersil Corporation HSP50214VC Datasheet HTML 40Page - Intersil Corporation HSP50214VC Datasheet HTML 41Page - Intersil Corporation HSP50214VC Datasheet HTML 42Page - Intersil Corporation HSP50214VC Datasheet HTML 43Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
39
FIGURE 45A. CIC FILTER RESPONSE
FIGURE 45B. HB3 FILTER RESPONSE
FIGURE 46A. HB5 FILTER RESPONSE
FIGURE 46B. 255 FIR TAP FILTER RESPONSE
FIGURE 46C. COMPOSITE FILTER RESPONSE
FIGURE 46. PDC FILTER FREQUENCY SPECTRUMS EXAMPLE (NORMALIZED TO SAME SCALE)
FREQUENCY
10
-10
-30
-50
-70
-90
-110
-130
fS
R
fS = CIC INPUT RATE
FREQUENCY
10
-10
-30
-50
-70
-90
-110
-130
fS = CIC INPUT RATE
fS
R
FREQUENCY
10
-10
-30
-50
-70
-90
-110
-130
fS = CIC INPUT RATE
fS
R
FREQUENCY
10
-10
-30
-50
-70
-90
-110
-130
fS = CIC INPUT RATE
fS
R
FREQUENCY
10
-10
-30
-50
-70
-90
-110
-130
fS = CIC INPUT RATE
fS
R
HSP50214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com