Electronic Components Datasheet Search
  English  ▼

X  

HSP50214VC Datasheet(PDF) 13 Page - Intersil Corporation

Part # HSP50214VC
Description  Programmable Downconverter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50214VC Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HSP50214VC Datasheet HTML 9Page - Intersil Corporation HSP50214VC Datasheet HTML 10Page - Intersil Corporation HSP50214VC Datasheet HTML 11Page - Intersil Corporation HSP50214VC Datasheet HTML 12Page - Intersil Corporation HSP50214VC Datasheet HTML 13Page - Intersil Corporation HSP50214VC Datasheet HTML 14Page - Intersil Corporation HSP50214VC Datasheet HTML 15Page - Intersil Corporation HSP50214VC Datasheet HTML 16Page - Intersil Corporation HSP50214VC Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
13
Each serial word has a programmable word width of either 8,
16, 24, or 32 bits (See Control Word 0, bits 4 and 5, for the
Carrier NCO programming and Control Word 11, bits 3 and
4, for Timing NCO programming). On the rising edge of the
clock, data on COF or SOF is clocked into an input shift reg-
ister. The beginning of a serial word is designated by assert-
ing either COFSYNC or SOFSYNC “high” one CLK period
prior to the first data bit.
The assertion of the COFSYNC (or SOFSYNC) starts a count
down from the programmed word width. On following CLKs,
data is shifted into the register until the specified number of
bits have been input. At this point the contents of the register
are transferred from the shift register to the respective 32-bit
holding register. The shift register can accept new data on the
following CLK. If the serial input word is defined to be less
than 32 bits, it will be transferred to the MSBs of the 32-bit
holding register and the LSBs of the holding register will be
zeroed. See Figure 14 for details.
NOTE: Serial Data must be loaded MSB first, and COFSYNC or
SOFSYNC should not be asserted for more than one CLK
cycle.
NOTE: COF loading and timing is relative to CLKIN while SOF
loading and timing is relative to PROCCLK.
NOTE: TD can be 0, and the fastest rate is with 8-bit word width.
CIC Decimation Filter
The mixer output may be filtered with the CIC filter or it may be
routed directly to the halfband filters. The CIC filter is used to
reduce the sample rate of a wideband signal to a rate that the
halfbands and programmable filters can process, given the
maximum computation speed of PROCCLK. (See Halfband
and FIR Filter Sections for techniques to calculate this value.)
Prior to the CIC filter, the output of the mixer goes through a
barrel shifter. The shifter is used to adjust the gain in 6dB
steps to compensate for the variation in filter gain with deci-
mation. (See Equation 6). Fine gain adjustments must be
done in the AGC section. The shifter is controlled by the sum
of a 4-bit CIC Shift Gain word from the microprocessor and a
3-bit gain word from the GAINADJ(2:0) pins. The three bit
value is pipelined to match the delay of the input samples.
The sum of the 3 and 4-bit shift gain words saturates at a
value of 15. Table 3 details the permissible values for the
GAINADJ(2:0) barrel shifter control, while the Figure 15
shows the permissible CIC Shift Gain values.
The CIC filter structure for the HSP50214 is fifth order; that
is it has five integrator/comb pairs. A fifth order CIC has
84dB of alias attenuation for output frequencies below 1/8
the CIC output sample rate.
The decimation rate of the CIC filter is programmed in Control
Word 0, bits 12 - 7. The CIC Shift Gain is programmed in Con-
trol Word 0, bits 16-13. The CIC Bypass is set in Control Word
0, bit 6.
COF/
MSB
MSB
CLKIN
COFSYNC/
SOFSYNC
SOF
LSB
OTE:
Data must be loaded MSB first.
IGURE 13. SERIAL INPUT TIMING FOR COF AND SOF INPUTS
†Serial word width can be: 8, 16, 24, 32 bits wide.
†TD is determined by the COFSYNC, COFSYNC rate.
FIGURE 14. HOLDING REGISTERS LOAD SEQUENCE FOR
COF AND SOF SERIAL OFFSET FREQUENCY
DATA
32
†
54
50
46
42
38
34
30
26
22
18
14
10
6
2
30
28
26
24
†
22
20
18
16
†
14
12
10
8
†
6
4
2
0
DATA TRANSFERRED
TO HOLDING REGISTER
TD††
TD††
TD††
TD††
CLK TIMES
ASSERTION OF
COFSYNC, SOFSYNC
(8)
(32)
(16)
(24)
TABLE 3. GAIN ADJUST CONTROL AND CIC DECIMATION
∆GAIN VALUE
(dB)
GAIN ADJ(2:0)
MAX. CIC
DECIMATION
0
000
32
6
001
27
12
010
24
18
011
21
24
100
18
30
101
16
36
110
12
42
111
10
FIGURE 15. CIC SHIFT GAIN VALUES
15
13
11
9
7
5
4
2
0
16
440
32
24
64
56
48
DECIMATION (R)
14
12
10
8
6
3
1
8
122028364452
60
8-BIT INPUT
12-BIT INPUT
10-BIT INPUT
14-BIT INPUT
ALLOWABLE CIC SHIFT
GAINS ARE BELOW THE
CURVES
HSP50214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com