Electronic Components Datasheet Search
  English  ▼

X  

1753479 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753479
Description  FKCT 2,5/ 4-ST KMGY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753479 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753479 Datasheet HTML 1Page - PHOENIX CONTACT 1753479 Datasheet HTML 2Page - PHOENIX CONTACT 1753479 Datasheet HTML 3Page - PHOENIX CONTACT 1753479 Datasheet HTML 4Page - PHOENIX CONTACT 1753479 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 3, 2011
Extract from the online
catalog
 
FKCT 2,5/ 4-ST KMGY
Order No.: 1921900
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1921900
 
 
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 4, Pitch: 5 mm, Color: gray
 
Commercial data
GTIN (EAN)
4
017918
572020
sales group
E111
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 593 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CB, CSA, CUL, GOST, UL, VDE-PZI


Similar Part No. - 1753479

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753479 PHOENIX-1753479 Datasheet
116Kb / 4P
MSTB 2,5/ 4-ST BD:1-4
1753479 PHOENIX-1753479 Datasheet
142Kb / 6P
MSTB 2,5/ 4-ST
1753479 PHOENIX-1753479 Datasheet
145Kb / 5P
MSTBV 2,5/ 4-G
1753479 PHOENIX-1753479 Datasheet
105Kb / 4P
MSTB 2,5/ 4-ST-5,08 BD:1-4
1753479 PHOENIX-1753479 Datasheet
170Kb / 6P
MVSTBR 2,5/ 4-ST
More results

Similar Description - 1753479

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1902136 PHOENIX-1902136 Datasheet
442Kb / 21P
Printed-circuit board connector - FKCT 2,5/ 4-ST-5,08
1902275 PHOENIX-1902275 Datasheet
142Kb / 6P
FKCT 2,5/18-ST-5,08
1700342 PHOENIX-1700342 Datasheet
51Kb / 4P
Printed-circuit board connector - FKCT 2,5/ 4-ST BU
1706800 PHOENIX-1706800 Datasheet
69Kb / 3P
FKCT 2,5/ 2-ST BU
1946312 PHOENIX-1946312 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 4-ST KMGY
1965830 PHOENIX-1965830 Datasheet
59Kb / 5P
Printed-circuit board connector - FKCT 2,5/ 4-ST BK
1971947 PHOENIX-1971947 Datasheet
114Kb / 3P
MSTBT 2,5/ 3-ST KMGY
2202344 PHOENIX-2202344 Datasheet
103Kb / 7P
Printed-circuit board connector - PSPT 2,5/ 4-ST KMGY
1936775 PHOENIX-1936775 Datasheet
85Kb / 3P
Printed-circuit board connector - FKCT 2,5/ 4-ST KMGY 4703
11/05/2018
1902259 PHOENIX-1902259 Datasheet
539Kb / 18P
PCB connector - FKCT 2,5/16-ST-5,08
Nov 30, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com