Electronic Components Datasheet Search
  English  ▼

X  

1753479 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1753479
Description  FKCT 2,5/ 4-ST KMGY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753479 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1753479 Datasheet HTML 1Page - PHOENIX CONTACT 1753479 Datasheet HTML 2Page - PHOENIX CONTACT 1753479 Datasheet HTML 3Page - PHOENIX CONTACT 1753479 Datasheet HTML 4Page - PHOENIX CONTACT 1753479 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FKCT 2,5/ 4-ST KMGY Order No.: 1921900
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1921900
PHOENIX CONTACT Deutschland GmbH
Page 2 / 5
http://www.phoenixcontact.de
Feb 3, 2011
Accessories
Item
Designation
Description
Assembly
1876880
STZ 8-FKC-5,08
Strain relief for snapping into the latching chambers of the plug
components, 8-pos.
1876877
STZ 4-FKC-5,08
Strain relief for snapping into the latching chambers of the plugs,
4-pos.
Marking
0804183
SK 5/3,8:FORTL.ZAHLEN
Marker card, printed horizontally, self-adhesive, 12 identical
decades marked 1-10, 11-20 etc. up to 91-(99)100, sufficient for
120 terminal blocks
Plug/Adapter
1734634
CP-MSTB
Keying profile, is inserted into the slot on the plug or inverted
header, red insulating material
0201689
MPS-IH BU
Insulating sleeve, Color: blue
0201702
MPS-IH GN
Insulating sleeve, Color: green
0201676
MPS-IH RD
Insulating sleeve, Color: red
0201663
MPS-IH WH
Insulating sleeve, Color: white
0201744
MPS-MT
Test plugs
0201647
RPS
Reducing plug, Color: gray
Tools
1205053
SZS 0,6X3,5
Actuation tool, for ST terminal blocks, insulated, also suitable
for use as a bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-
component grip, with non-slip grip
Additional products
Item
Designation
Description
General
0707125
DFK-MSTB 2,5/ 4-G
Plug component, Nominal current: 12 A, Rated voltage (III/2):
320 V, Number of positions: 4, Pitch: 5 mm, Color: green, Metal
surface: Sn, Assembly: Direct mounting, Accessory order no.
5030172 can only be used in conjunction with MSTB 2,5/...ST and
MSTBT 2,5/...ST.
1899867
EMSTBA 2,5/ 4-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 4, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Press-in



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com