Electronic Components Datasheet Search
  English  ▼

X  

TMCS1101 Datasheet(PDF) 29 Page - Texas Instruments

Part # TMCS1101
Description  TMCS1101 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1101 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMCS1101_V01 Datasheet HTML 25Page - Texas Instruments TMCS1101_V01 Datasheet HTML 26Page - Texas Instruments TMCS1101_V01 Datasheet HTML 27Page - Texas Instruments TMCS1101_V01 Datasheet HTML 28Page - Texas Instruments TMCS1101_V01 Datasheet HTML 29Page - Texas Instruments TMCS1101_V01 Datasheet HTML 30Page - Texas Instruments TMCS1101_V01 Datasheet HTML 31Page - Texas Instruments TMCS1101_V01 Datasheet HTML 32Page - Texas Instruments TMCS1101_V01 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
Input Current (A)
-25 -20 -15 -10 -5
0
5
10 15 20 25 30 35 40 45
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
D003
TMCS1101A2U
TMCS1101A2B
29
TMCS1101
www.ti.com
SBOS825A – SEPTEMBER 2019 – REVISED MAY 2020
Product Folder Links: TMCS1101
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Feature Description (continued)
Figure 44. Output Voltage Relationship to Input Current for TMCS1101A2B and TMCS1101A2U
9.3.5 Current-Sensing Measurable Ranges
The TMCS1101 measurable input current range depends on the device variant, as well as the analog supply VS.
The output voltage is limited by VOUT swing to either supply or ground. The linear output swing range to both VS
and GND is calculated by equations Equation 18 and Equation 19.
VOUT,max = VS – SwingVS
(18)
VOUT,min = SwingGND
(19)
Rearranging the transfer function of the device to solve for input current and substituting VOUT,max and VOUT,min
yields maximum and minimum measurable input current ranges described by Equation 20 and Equation 21.
IIN,MAX+ = (VOUT,max – VOUT,0A) / S
(20)
IIN,MAX- = (VOUT,0A – VOUT,min) / S
where
•
IIN,MAX+ is the maximum linear measurable positive input current.
•
IIN,MAX- is the maximum linear measurable negative input current.
•
S is the sensitivity of the device variant.
•
VOUT,0A is the appropriate zero current output voltage.
(21)
TMCS1101A<1-4>B variants accommodate bidirectional current sensing by creating zero-current output voltage
equal to half of the supply (VS) potential, while TMCS1101A<1-4>U variants provide most of the measurable
range for positive currents.
9.4 Device Functional Modes
9.4.1 Power-Down Behavior
As a result of the inherent galvanic isolation of the device, very little consideration must be paid to powering
down the device, as long as the limits in the Absolute Maximum Ratings table are not exceeded on any pins. The
isolated current input and the low-voltage signal chain can be decoupled in operational behavior, as either can be
energized with the other shut down, as long as the isolation barrier capabilities are not exceeded. The low-
voltage power supply can be powered down while the isolated input is still connected to an active high-voltage
signal or system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com