Electronic Components Datasheet Search
  English  ▼

X  

TMCS1101 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMCS1101
Description  TMCS1101 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1101 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMCS1101_V01 Datasheet HTML 3Page - Texas Instruments TMCS1101_V01 Datasheet HTML 4Page - Texas Instruments TMCS1101_V01 Datasheet HTML 5Page - Texas Instruments TMCS1101_V01 Datasheet HTML 6Page - Texas Instruments TMCS1101_V01 Datasheet HTML 7Page - Texas Instruments TMCS1101_V01 Datasheet HTML 8Page - Texas Instruments TMCS1101_V01 Datasheet HTML 9Page - Texas Instruments TMCS1101_V01 Datasheet HTML 10Page - Texas Instruments TMCS1101_V01 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
7
TMCS1101
www.ti.com
SBOS825A – SEPTEMBER 2019 – REVISED MAY 2020
Product Folder Links: TMCS1101
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The IS
and PS parameters represent the safety current and safety power respectively. The maximum limits of IS and PS should not be
exceeded. These limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in the Thermal Information table is that of a device installed on the TMCS1101EVM. Use
these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum allowed junction temperature.
PS = IS × VI, where VI is the maximum input voltage.
7.8 Safety Limiting Values
Safety limiting intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Safety input current (side 1)(1)
RθJA = 36.6°C/W, TJ = 150°C, TA = 25°C, see Figure 18
30
A
IS
Safety input, output, or supply current
(side 2)(1)
RθJA = 36.6°C/W, VI = 5 V, TJ = 150°C, TA = 25°C,
see Figure 19
0.68
PS
Safety input, output, or total power(1)
RθJA = 36.6°C/W, TJ = 150°C, TA = 25°C, see Figure 20
3.4
W
TS
Safety temperature(1)
150
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com