Electronic Components Datasheet Search
  English  ▼

X  

TMCS1101 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1101
Description  TMCS1101 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1101 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMCS1101 Datasheet HTML 4Page - Texas Instruments TMCS1101 Datasheet HTML 5Page - Texas Instruments TMCS1101 Datasheet HTML 6Page - Texas Instruments TMCS1101 Datasheet HTML 7Page - Texas Instruments TMCS1101 Datasheet HTML 8Page - Texas Instruments TMCS1101 Datasheet HTML 9Page - Texas Instruments TMCS1101 Datasheet HTML 10Page - Texas Instruments TMCS1101 Datasheet HTML 11Page - Texas Instruments TMCS1101 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
TMCS1101
SBOS825A – SEPTEMBER 2019 – REVISED MAY 2020
www.ti.com
Product Folder Links: TMCS1101
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
(1)
Centered parameter based on TMCS1101EVM PCB layout. See Layout section. Device must be operated below maximum junction
temperature.
(2)
Lifetime and environmental drift specifications based on three lot AEC-Q100 qualification stress test results. Typical values are
population mean+1σ from worst case stress test condition. Min/max are tested device population mean±6σ; devices tested in AEC-Q100
qualification stayed within min/max limits for all stress conditions. See Lifetime and Environmental Stability section for more details.
(3)
Excludes effect of external magnetic fields. See the Accuracy Parameters section for details to calculate error due to external magnetic
fields.
7.9 Electrical Characteristics
at TA = 25°C, VS = 5 V (unless otherwise noted)
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Sensitivity(1)
TMCS1101A1B
50
mV/A
TMCS1101A2B
100
mV/A
TMCS1101A3B
200
mV/A
TMCS1101A4B
400
mV/A
TMCS1101A1U
50
mV/A
TMCS1101A2U
100
mV/A
TMCS1101A3U
200
mV/A
TMCS1101A4U
400
mV/A
Sensitivity error
0.05 V
≤ VOUT ≤ VS – 0.2 V, TA= 25ºC
±0.3%
±0.8%
TMCS1101A1U, 0.05 V
≤ VOUT ≤ 3 V, TA=
25ºC
±0.3%
±0.8%
Sensitivity error, including lifetime and
environmental drift (2)
0.05 V
≤ VOUT ≤ VS – 0.2 V, TA= 25ºC
-0.47%
±1.02%
Sensitivity error
0.05 V
≤ VOUT ≤ VS – 0.2 V, TA= –40ºC to
+85ºC
±0.5%
±1%
TMCS1101A1U, 0.05 V
≤ VOUT ≤ 3 V, TA=
–40ºC to +85ºC
±0.5%
±1%
0.05 V
≤ VOUT ≤ VS – 0.2 V, TA= –40ºC to
+125ºC
±0.6%
±1.25%
TMCS1101A1U, 0.05 V
≤ VOUT ≤ 3 V, TA=
–40ºC to +125ºC
±0.6%
±1.25%
Nonlinearity error
VOUT = 0.5 V to VS – 0.5 V
±0.05%
TMCS1101A1U, VOUT = 0.5 V to 3 V
±0.05%
VOE
Output voltage offset error(3)
TMCS1101A1B
±1
±4.5
mV
TMCS1101A2B
±1
±6
mV
TMCS1101A3B
±1.3
±9
mV
TMCS1101A4B
±2.4
±21
mV
TMCS1101A1U
±1.2
±5
mV
TMCS1101A2U
±1
±8
mV
TMCS1101A3U
±2.3
±10
mV
TMCS1101A4U
±12.4
±28
mV
Output voltage offset drift
TMCS1101A1B, TA= –40ºC to +125ºC
±5.4
±14
µV/
℃
TMCS1101A2B, TA= –40ºC to +125ºC
±3.5
±21
µV/
℃
TMCS1101A3B, TA= –40ºC to +125ºC
±7.4
±37
µV/
℃
TMCS1101A4B, TA= –40ºC to +125ºC
±27.6
±140
µV/
℃
TMCS1101A1U, TA= –40ºC to +125ºC
±7
±16
µV/
℃
TMCS1101A2U, TA= –40ºC to +125ºC
±9
±22
µV/
℃
TMCS1101A3U, TA= –40ºC to +125ºC
±14
±41
µV/
℃
TMCS1101A4U, TA= –40ºC to +125ºC
±36
±144
µV/
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com