Electronic Components Datasheet Search
  English  ▼

X  

TMCS1100A2 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMCS1100A2
Description  TMCS1100 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100A2 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMCS1100A2 Datasheet HTML 19Page - Texas Instruments TMCS1100A2 Datasheet HTML 20Page - Texas Instruments TMCS1100A2 Datasheet HTML 21Page - Texas Instruments TMCS1100A2 Datasheet HTML 22Page - Texas Instruments TMCS1100A2 Datasheet HTML 23Page - Texas Instruments TMCS1100A2 Datasheet HTML 24Page - Texas Instruments TMCS1100A2 Datasheet HTML 25Page - Texas Instruments TMCS1100A2 Datasheet HTML 26Page - Texas Instruments TMCS1100A2 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
IN+
IN±
Hall
Element
Bias
Temperature
Compensation
----------------------
Offset Cancellation
VREF
VOUT
Precision
Amplifier
Output
Amplifier
VS
GND
Reference
Sampling
23
TMCS1100
www.ti.com
SBOS820A – SEPTEMBER 2019 – REVISED JUNE 2020
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The TMCS1100 is a precision Hall-effect current sensor, featuring a 600-V basic isolation working voltage, < 1%
full-scale error across temperature, and an external reference voltage enabling unidirectional or bidirectional
current sensing. Input current flows through a conductor between the isolated input current pins. The conductor
has a 1.8-mΩ resistance at room temperature for low power dissipation and a 20-A RMS continuous current
handling capability up to 105°C ambient temperature on the TMCS1100EVM. The low-ohmic leadframe path
reduces power dissipation compared to alternative current measurement methodologies, and does not require
any external passive components, isolated supplies, or control signals on the high-voltage side. The magnetic
field generated by the input current is sensed by a Hall sensor and amplified by a precision signal chain. The
device can be used for both ac and dc current measurements and has a bandwidth of 80 kHz. There are multiple
fixed-sensitivity device variants for a wide option of linear sensing ranges, and the TMCS1100 can operate with a
low voltage supply from 3 V to 5.5 V. The TMCS1100 is optimized for high accuracy and temperature stability,
with both offset and sensitivity compensated across the entire operating temperature range.
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 Current Input
Input current to the TMCS1100 passes through the isolated side of the package leadframe through the IN+ and
IN– pins. The current flow through the package generates a magnetic field that is proportional to the input
current, and measured by a galvanically isolated, precision, Hall sensor IC. As a result of the electrostatic
shielding on the Hall sensor die, only the magnetic field generated by the input current is measured, thus limiting
input voltage switching pass-through to the circuitry. This configuration allows for direct measurement of currents
with high-voltage transients without signal distortion on the current-sensor output. The leadframe conductor has a
nominal resistance of 1.8 mΩ at 25°, and has a typical positive temperature coefficient as defined in Electrical
Characteristics.
9.3.2 Input Isolation
The separation between the input conductor and the Hall sensor die due to the TMCS1100 construction provides
inherent galvanic isolation between package pins 1-4 and pins 5-8. Insulation capability is defined according to
certification agency definitions and using industry-standard test methods as defined in the Insulation
Specifications table. Assessment of device lifetime working voltages follow the VDE 0884-11 standard for basic
insulation, requiring time-dependent dielectric breakdown (TDDB) data-projection failure rates of less than 1000
part per million (ppm), and a minimum insulation lifetime of 20 years. The VDE standard also requires an
additional safety margin of 20% for working voltage, and a 30% margin for insulation lifetime, translating into a
minimum required lifetime of 26 years at 509 VRMS for the TMCS1100.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com