Electronic Components Datasheet Search
  English  ▼

X  

SP8605 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP8605
Description  12-Bit Sampling A/D Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8605 Datasheet(HTML) 1 Page - Sipex Corporation

  SP8605 Datasheet HTML 1Page - Sipex Corporation SP8605 Datasheet HTML 2Page - Sipex Corporation SP8605 Datasheet HTML 3Page - Sipex Corporation SP8605 Datasheet HTML 4Page - Sipex Corporation SP8605 Datasheet HTML 5Page - Sipex Corporation SP8605 Datasheet HTML 6Page - Sipex Corporation SP8605 Datasheet HTML 7Page - Sipex Corporation SP8605 Datasheet HTML 8Page - Sipex Corporation SP8605 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
79
s 3
µs, 5µs or 10µs Sample/Conversion
Time
s Unipolar 0V to +10V and 0V to +5V
Input
s No Missing Codes Over Temperature
s AC Performance Over Temperature
72dB Signal–to–Noise Ratio at Nyquist
85dB Spurious–free Dynamic Range at
49kHz
–81dB Total Harmonic Distortion at 49kHz
s Internal Sample/Hold, Reference,
Clock, and 3-State Outputs
s Power Dissipation: 90mW
s 28–Pin Narrow PDIP and SOIC
Packages
DESCRIPTION…
The SP86XX Series are complete, unipolar, 12-bit sampling A/D converters using state-of-the-art
CMOS structures. They contain a complete 12-bit successive approximation A/D converter with
internal sample/hold, reference, clock, digital interface for microprocessor control, and three-state
output drivers. Power dissipation is only 90mW. AC and DC performance are completely
specified. Sampling/conversion rates of 3
µs, 5µs and 10µs are offered.
.....
.....
.....
.....
0V to10V
CS
R/C HBE
IN
0V to 5VIN
Internal
Ref
Control
Logic
Clock
Comparator
Three
State
Parallel
Output
Data
Bus
BUSY
CDAC
VREF Output
SAR
Output
Latches
And
Three
State
Drivers
(1.2043V)
SP8603, SP8605, SP8610
12-Bit Sampling A/D Converters


Similar Part No. - SP8605

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SP8601 SAMHOP-SP8601 Datasheet
103Kb / 7P
Super high dense cell design for low RDS(ON).
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
ADVANCE INFORMATION
SP8602ACM ZARLINK-SP8602ACM Datasheet
320Kb / 7P
ADVANCE INFORMATION
SP8602BCM ZARLINK-SP8602BCM Datasheet
320Kb / 7P
ADVANCE INFORMATION
SP8604 ZARLINK-SP8604 Datasheet
320Kb / 7P
ADVANCE INFORMATION
More results

Similar Description - SP8605

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
12-Bit Sampling A/D Converters
logo
List of Unclassifed Man...
ADS119 ETC-ADS119 Datasheet
134Kb / 8P
12-Bit, 10MHz, Low-Power Sampling A/D Converters
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
12-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
12-Bit, 5MHz, Low-Power Sampling A/D Converters
logo
Sipex Corporation
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
12-Bit Sampling A/D Converters
HS574A SIPEX-HS574A Datasheet
160Kb / 14P
12-bit Sampling A/D Converters
logo
Linear Technology
LTC1273 LINER-LTC1273_1 Datasheet
321Kb / 24P
12-Bit, 300ksps Sampling A/D Converters with Reference
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
12-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-235 MURATA-PS-ADS-235 Datasheet
406Kb / 8P
12-Bit, 5MHz and 9MHz Sampling A/D Converters
logo
Linear Technology
LTC1273 LINER-LTC1273_15 Datasheet
327Kb / 24P
12-Bit, 300ksps Sampling A/D Converters with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com