Electronic Components Datasheet Search
  English  ▼

X  

SP8605 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP8605
Description  12-Bit Sampling A/D Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8605 Datasheet(HTML) 4 Page - Sipex Corporation

  SP8605 Datasheet HTML 1Page - Sipex Corporation SP8605 Datasheet HTML 2Page - Sipex Corporation SP8605 Datasheet HTML 3Page - Sipex Corporation SP8605 Datasheet HTML 4Page - Sipex Corporation SP8605 Datasheet HTML 5Page - Sipex Corporation SP8605 Datasheet HTML 6Page - Sipex Corporation SP8605 Datasheet HTML 7Page - Sipex Corporation SP8605 Datasheet HTML 8Page - Sipex Corporation SP8605 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
82
PINOUT
HBE is HIGH.
Pin 13 — D
4 — Data Bit 4 if HBE is LOW; LOW if
HBE is HIGH.
Pin 14 —N.C.—This pin is not internally connected.
Pin 15 —N.C.—This pin is not internally connected.
Pin 16— DGND — Digital Ground. Connect to
pin 5 at the device.
Pin 17 — D
3 — Data Bit 3 if HBE is LOW; Data Bit
11 if HBE is HIGH.
Pin 18 — D
2 — Data Bit 2 if HBE is LOW; Data Bit
10 if HBE is HIGH.
Pin 19— D
1 — Data Bit 1 if HBE is LOW; Data Bit
9 if HBE is HIGH.
Pin 20 — D
0 — Data Bit 0 if HBE is LOW. Least
Significant Bit (LSB). Data Bit 8 if HBE is HIGH.
Pin 21 — HBE — High Byte Enable, When held
LOW, data output as 12-bits in parallel. When
held HIGH, four MSBs presented on pins 17–
20, pins 10 – 13 output LOWs. Must be LOW to
initiate conversion.
Pin22—R/C—Read/Convert.Fallingedgeinitiates
conversion when CS is LOW, HBE is LOW, and
BUSY is HIGH.
Pin 23 — CS — Chip Select. Outputs in Hi-Z state
when HIGH. Must be LOW to initiate conversion or
read data.
Pin 24 — BUSY — Output LOW during
conversion. Data valid on rising edge in Con-
vert Mode.
Pin25 — N.C. —Thispinisnotinternallyconnected.
Pin26—V
SD — Positive Digital Power Supply, +5V.
Connect to pin 27, and bypass to DGND.
Pin 27 — V
SA
— Positive Analog Power Supply.
+5V. Connect to pin 26, and bypass to AGND.
Pin28—N.C.—Thispinisnotinternallyconnected.
N.C. 1
±10V IN
2
±5V IN 3
VREF 4
AGND 5
D11
6
D10
7
D9
8
D8
9
D7 10
D6 11
D5 12
D4 13
N.C. 14
28 N.C.
27 VSA
26 VSD
25 N.C.
24 BUSY
23 CS
22 R/C
21 HBE
20 D0
19 D1
18 D2
17 D3
16 DGND
15 N.C.
SP8603
SP8605
SP8610
PIN ASSIGNMENT
Pin 1 —No Connection —This pin is not internally
connected.
Pin 2 — IN
1 — 0V to 10V Analog Input. Connected
to AGND for 10V range.
Pin 3 — IN
2 — 0V to 5V Analog Input. Connected
to AGND for 5V range.
Pin 4 — V
REF – Internal Voltage. Reference Output.
Pin 5 — AGND — Analog Ground. Connect to
pin 16 at the device.
Pin 6 — D
11
— Data Bit 11. Most Significant Bit
(MSB).
Pin 7 — D
10 — Data Bit 10.
Pin 8— D
9 — Data Bit 9.
Pin 9 — D
8 — Data Bit 8.
Pin 10 — D
7 — Data Bit 7 if HBE is LOW; LOW if
HBE is HIGH.
Pin 11 — D
6 — Data Bit 6 if HBE is LOW; LOW if
HBE is HIGH.
Pin 12 — D
5 — Data Bit 5 if HBE is LOW; LOW if



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com