Electronic Components Datasheet Search
  English  ▼

X  

LT3023 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3023
Description  Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3023 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3023 Datasheet HTML 8Page - Linear Technology LT3023 Datasheet HTML 9Page - Linear Technology LT3023 Datasheet HTML 10Page - Linear Technology LT3023 Datasheet HTML 11Page - Linear Technology LT3023 Datasheet HTML 12Page - Linear Technology LT3023 Datasheet HTML 13Page - Linear Technology LT3023 Datasheet HTML 14Page - Linear Technology LT3023 Datasheet HTML 15Page - Linear Technology LT3023 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT3023
3023f
In circuits where a backup battery is required, several
different input/output conditions can occur. The output
voltage may be held up while the input is either pulled to
ground, pulled to some intermediate voltage or is left open
circuit. Current flow back into the output will follow the
curve shown in Figure 6.
When the IN pin of the LT3023 is forced below the OUT1
or OUT2 pins or the OUT1/OUT2 pins are pulled above the
IN pin, input current will typically drop to less than 2
µA.
This can happen if the input of the device is connected to
a discharged (low voltage) battery and the output is held
up by either a backup battery or a second regulator circuit.
The state of the SHDN1/SHDN2 pins will have no effect on
the reverse output current when the output is pulled above
the input.
Figure 6. Reverse Output Current
APPLICATIO S I FOR ATIO
OUTPUT VOLTAGE (V)
100
90
80
760
60
50
40
30
20
10
0
3023 F06
0123
4
5
67
8
9
10
TA = 25°C
VIN = 0V
VOUT = VADJ
CURRENT FLOWS
INTO OUTPUT PIN
TYPICAL APPLICATIO S
OUT1
BYP1
ADJ1
OUT2
BYP2
ADJ2
IN
SHDN1
SHDN2
LT3023
1
µF
VIN
3.7V TO 20V
OFF ON
0.01
µF
0.01
µF
422k
261k
249k
249k
10
µF
10
µF
3023 TA02a
3.3V
AT 100mA
2.5V
AT 100mA
GND
VSHDN1/SHDN2
1V/DIV
VOUT1
1V/DIV
VOUT2
1V/DIV
2ms/DIV
3023 TA02b
CBYP (pF)
10
0.1
1
10
100
100
1000
10000
3023 TA02c
Noise Bypassing Slows Startup, Allows Outputs to Track
Startup Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com