Electronic Components Datasheet Search
  English  ▼

X  

LT3023 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3023
Description  Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3023 Datasheet(HTML) 5 Page - Linear Technology

  LT3023 Datasheet HTML 1Page - Linear Technology LT3023 Datasheet HTML 2Page - Linear Technology LT3023 Datasheet HTML 3Page - Linear Technology LT3023 Datasheet HTML 4Page - Linear Technology LT3023 Datasheet HTML 5Page - Linear Technology LT3023 Datasheet HTML 6Page - Linear Technology LT3023 Datasheet HTML 7Page - Linear Technology LT3023 Datasheet HTML 8Page - Linear Technology LT3023 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT3023
3023f
TYPICAL PERFOR A CE CHARACTERISTICS
SHDN1 or SHDN2 Pin Input
Current
ADJ1 or ADJ2 Pin Bias Current
Current Limit
TEMPERATURE (
°C)
–50
0
50
75
3023 G12
–25
25
100
125
VSHDN = 20V
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
TEMPERATURE (
°C)
–50
100
90
80
70
60
50
40
30
20
10
0
0
50
75
3023 G13
–25
25
100
125
INPUT VOLTAGE (V)
0
2
4
5
3023 G14
1
3
6
7
350
300
250
200
150
100
50
0
VOUT = 0V
TJ = 25°C
Current Limit
TEMPERATURE (
°C)
–50
0
50
75
3023 G15
–25
25
100
125
350
300
250
200
150
100
50
0
VIN = 7V
VOUT = 0V
SHDN PIN VOLTAGE (V)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
3023 G11
0123
4
5
67
8
9
10
SHDN1 or SHDN2 Pin Input
Current
TEMPERATURE (
°C)
–50
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
50
75
3023 G10
–25
25
100
125
IL = 100mA
IL = 1mA
SHDN1 or SHDN2 Pin Threshold
(Off-to-On)
Reverse Output Current
Reverse Output Current
Input Ripple Rejection
OUTPUT VOLTAGE (V)
100
90
80
70
60
50
40
30
20
10
0
3023 G16
0123
4
5
67
8
9
10
TA = 25°C
VIN = 0V
VOUT = VADJ
CURRENT FLOWS
INTO OUTPUT PIN
TEMPERATURE (
°C)
–50
18
15
12
9
6
3
0
25
75
3023 G17
–25
0
50
100
125
VIN = 0V
VOUT = VADJ = 1.22V
FREQUENCY (kHz)
80
70
60
50
40
30
20
10
0
0.01
1
10
1000
LTXXXX GXX
0.1
100
IL = 100mA
VIN = 2.3V + 50mVRMS RIPPLE
CBYP = 0
COUT = 10µF
COUT = 1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com