Electronic Components Datasheet Search
  English  ▼

X  

STP413D Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # STP413D
Description  P-Channel 4 0 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

STP413D Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  STP413D Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd STP413D Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd STP413D Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd STP413D Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd STP413D Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd STP413D Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd STP413D Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd STP413D Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd STP413D Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = -250 μA
-40
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 μA
-1.5
-
-2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = -40 V
-
-
-1
μA
VGS = 0 V
VDS = -40 V, TJ = 125 °C
-
-
-50
VGS = 0 V
VDS = -40 V, TJ = 175 °C
-
-
-150
On-State Drain Currenta
ID(on)
VGS = -10 V
VDS  -5 V
-50
-
-
A
Drain-Source On-State Resistancea
RDS(on)
VGS = -10 V
ID = -17 A
-
0.012
0.014
VGS = -10 V
ID = -50 A, TJ = 125 °C
-
-
0.017
VGS = -10 V
ID = -50 A, TJ = 175 °C
-
-
0.020
VGS = -4.5 V
ID = -14 A
-
0.015
0.018
Forward Transconductancea
gfs
VDS = -15 V, ID = -17 A
-
61
-
S
Dynamic b
Input Capacitance
Ciss
VGS = 0 V
VDS = -25 V, f = 1 MHz
-
2872
3950
pF
Output Capacitance
Coss
-
508
635
Reverse Transfer Capacitance
Crss
-
352
440
Total Gate Charge c
Qg
VGS = -10 V
VDS = -30 V, ID = -50 A
-60
80
nC
Gate-Source Charge c
Qgs
-5.7
8.6
Gate-Drain Charge c
Qgd
-14.7
22
Gate Resistance
Rg
f = 1 MHz
1.5
3
4.5
Turn-On Delay Time c
td(on)
VDD = -20 V, RL = 0.4 
ID  -50 A, VGEN = -10 V, Rg = 1 
-10
15
ns
Rise Time c
tr
-12
18
Turn-Off Delay Time c
td(off)
-40
60
Fall Time c
tf
-16
24
Source-Drain Diode Ratings and Characteristics b
Pulsed Current a
ISM
--
-200
A
Forward Voltage
VSD
IF = -50 A, VGS = 0 V
-
-1
-1.5
V
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
STP413D
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com