Electronic Components Datasheet Search
  English  ▼

X  

STP413D Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # STP413D
Description  P-Channel 4 0 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

STP413D Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  STP413D Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd STP413D Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd STP413D Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd STP413D Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd STP413D Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd STP413D Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd STP413D Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd STP413D Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd STP413D Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
20
40
60
80
100
0
VGS = 10 V thru 5 V
3 V
VDS - Drain-to-Source Voltage (V)
12
9
6
315
4 V
0.00
0.01
0.02
0.03
0.05
0
20406080
100
ID - Drain Current (A)
VGS = 4.5 V
0.04
VGS = 10 V
Qg - Total Gate Charge (nC)
0
2
4
6
8
10
0
ID = 50 A
VDS = 20 V
50
40
30
20
0
6
0
1
0
20
40
60
80
100
0
TC = 125 °C
- 55 °C
25 °C
VGS - Gate-to-Source Voltage (V)
8
6
4
210
VDS - Drain-to-Source Voltage (V)
0
1000
2000
3000
4000
5000
0
Ciss
Coss
Crss
35
30
25
20
15
10
540
0.5
0.8
1.1
1.4
1.7
2.0
175
VGS = 10 V
ID = 30 A
TJ - Junction Temperature (°C)
- 50
150
125
100
75
50
25
0
- 25
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
STP413D
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com