Electronic Components Datasheet Search
  English  ▼

X  

RF-3000 Datasheet(PDF) 19 Page - RF Micro Devices

Part # RF-3000
Description  SPREAD-SPECTRUM BASEBAND MODEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF-3000 Datasheet(HTML) 19 Page - RF Micro Devices

Back Button RF-3000 Datasheet HTML 15Page - RF Micro Devices RF-3000 Datasheet HTML 16Page - RF Micro Devices RF-3000 Datasheet HTML 17Page - RF Micro Devices RF-3000 Datasheet HTML 18Page - RF Micro Devices RF-3000 Datasheet HTML 19Page - RF Micro Devices RF-3000 Datasheet HTML 20Page - RF Micro Devices RF-3000 Datasheet HTML 21Page - RF Micro Devices RF-3000 Datasheet HTML 22Page - RF Micro Devices RF-3000 Datasheet HTML 23Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
11-339
RF3000
Rev A4 031216
Diversity
Switching and detection at beginning of Receive.
Equalizer
Proprietary architecture, active only in 5.5Mbps and 11Mbps CCK modes. For multipath cancellation, the RF3000
defines the path with the largest magnitude as the main path and all others as secondary paths. The RF3000 equalizer
can cancel the two most significant secondary paths. these can either be two (2) post-cursor, echo paths, or they can be
one (1) post-cursor and one (1) pre-cursor paths. Pre-cursor delay can be up to one-quarter symbol period. Post-cursor
delay can be up to one (1) symbol period. The magnitude of cancelled multipaths up to -3dBc, normalized to the main
path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com