Electronic Components Datasheet Search
  English  ▼

X  

RF-3000 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF-3000
Description  SPREAD-SPECTRUM BASEBAND MODEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF-3000 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF-3000 Datasheet HTML 2Page - RF Micro Devices RF-3000 Datasheet HTML 3Page - RF Micro Devices RF-3000 Datasheet HTML 4Page - RF Micro Devices RF-3000 Datasheet HTML 5Page - RF Micro Devices RF-3000 Datasheet HTML 6Page - RF Micro Devices RF-3000 Datasheet HTML 7Page - RF Micro Devices RF-3000 Datasheet HTML 8Page - RF Micro Devices RF-3000 Datasheet HTML 9Page - RF Micro Devices RF-3000 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
11-326
RF3000
Rev A4 031216
Pin
Function
Description
Interface Schematic
1
TXPE
Input from the external network processor. The rising edge of TX PE
places the transmitter into an active state. The falling edge of TX PE
indicates the end of transmission.
2RXPE
When active (value '1'), the receiver is powered up and CCA circuitry is
active.
3MCLK
Master clock. This should be a 44MHz for IEEE802.11b and is used to
generate other internally used clocks.
4TXRDY
Indicates that the chip is ready to accept data from the MAC for Tx.
5RXRDY
Indicates that the chip is ready to deliver data to the MAC from Rx.
6VDDD
Output from 2.2V internal voltage regulator for digital sections of
RF3000. This pin should not be connected to anything.
7GNDD
Ground signal for digital power.
8
CCA
Clear channel assessment per IEEE802.11b standard. “1” indicates
“clear”.
9LNAGS
LNA gain select. “1” indicates “high gain”.
10
TXDATA
TX data stream input.
11
DATACLK
Data clock for TX and RX data.
12
RXDATA
RX data stream output.
13
CSb
In SPI mode this pin serves as serial port chip select.
14
CCLK
Serial port clock. This clock is used for SPI mode.
15
CDIN
In SPI mode this pin serves as CDIN input.
16
CDOUT
In SPI mode this pin serves as CDOUT output.
17
RXVGC
Analog receive variable gain control output: 1.2V to 2.0V.
18
NC
Not connected.
19
IIN
Analog I input.
20
QIN
Analog Q input.
21
VDDA
DC power for analog sections 3.3V.
22
GNDA
Ground signal for analog power.
23
IOUT
Analog I output: 1.6V to 1.8V.
24
QOUT
Analog Q output: 1.6V to 1.8V.
25
TXVGC
Analog voltage for transmitter variable gain control: 1.2V to 2.0V.
26
ANTSEL
Antenna selection signal for diversity receiver.
27
RESET
Pin='1' chip reset.
Pin='0' standard operation.
28
VREF
Reference voltage for internal data converters.
Connect to RF2948 VREF or set to 1.7VDC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com