Electronic Components Datasheet Search
  English  ▼

X  

TP06DE Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP06DE
Description  6W super wide input range regulated signgle output DC/DC converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP06DE Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP06DE Datasheet HTML 1Page - Toppower Electronic Technology Limited TP06DE Datasheet HTML 2Page - Toppower Electronic Technology Limited TP06DE Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP06DE SERIES
www.gztoppower.com
TEL:0086-20-62162688
Email:sales2@gztoppower.com
page 3 / 3
MECHANICAL DIMENSIONS



Pins
1
2
3
4,5
6
7
Single
-Vin
+Vin
ctr
NP(no pin)
+Vo
-Vo
SELECTION GUIDE
TP
06
D E
48
S 05
W
W:8:1 Wide voltage input range
Main (auxiliary) output voltage
S:single output, D:Dual output
Rated input voltage
Package type
DC-DC
Rated output power
Brand name
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com