Electronic Components Datasheet Search
  English  ▼

X  

TP06DE Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP06DE
Description  6W super wide input range regulated signgle output DC/DC converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP06DE Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP06DE Datasheet HTML 1Page - Toppower Electronic Technology Limited TP06DE Datasheet HTML 2Page - Toppower Electronic Technology Limited TP06DE Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP06DE SERIES
www.gztoppower.com
TEL:0086-20-62162688
Email:sales2@gztoppower.com
page 1 / 3
DESCRIPTION:
TP06DE series is 6W, 8:1 wide input range,efficiency up to 87%, 1500VDC isolated voltage , at operating
temperature -40℃ to+85℃,With input undervoltage protection, output overcurrent, short circuit
protection, widely used in communications, medical, industrial control, power, instrumentation ,etc.
6W super wide input range regulated signgle output DC/DC converters
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage accuracy
-
±1%
-
-
Load regulation
100% load,input voltage from low to high
-
±0.5%
±1%
power regulation
From 5% to 100% Load
-
±0.5%
±1%
Transient recovery time
25%- 50% -2 5%/ 50 %-75% -50% Load step change
-
200
400
μs
Transient response deviation
25%- 50% -2 5%/ 50 %-75% -50% Load step change
-
±3%
±5%
Temperature coefficient
100% load
-
-
±0.02
%/℃
Ripple &Noise
20MHz bandwidth limit parallel line test method
-
50
100
mvp- p
Over current protection
Full input range, Nominal output power
110
140
190
%I0
Short circuit protection,
Full input range, Nominal output power
continuous, Automatic recovery
FEATURES
Super wide input range (8:1)
Low Ripple &Noise
1500VDC isolated voltage
High efficiency, high power density
Output
Operating temperature -40℃ to+85℃
Regulated parts
RoHS compliant
/
SELECTION GUIDE
Part Number
Input Voltage (VDC)
Output
Efficiency (Typ. )
%
Ripple &Noise
(
MV)
Rated
Range values
Voltage(VDC)
Current
(
A)
TP06DE48S03W
48
9-75
3.3
1.8
78
50
TP06DE48S05W
48
9-75
5
1.2
81
50
TP06DE48S12W
48
9-75
12
0.5
85
50
TP06DE48S15W
48
9-75
15
0.4
86
50
TP06DE48S24W
48
9-75
24
0.25
87
50
Notes:
1. Do not meet the conditions for full load start when input @9-10VDC, only Can start at full load when voltage above 11V。
2. When the working temperature ≤ 30 ℃, the maximum output power can be 10W for a long time.
3.It is necessary to add A voltage-stabilizing diode 5.1V / 0.5W between –Vin pin and CTR pin,See the application circuit for details.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Surge
Units
Input voltage range
Nominal Load
9
48
75
80
VDC
Remote control pin(Ctr)
Module start-on
Ctrl Floating or TTL high level (2-5VDC)
Remote control pin(Ctr)
Module shutdown
Ctrl connect to GND Or low level (0-1VDC)
Remote control pin(Ctr)
Input current while shutdown
3mA (TYP)
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
input-output,test time 1min, Leakage current <1mA
1500
-
-
Vdc
Isolation resistance
input-output,, Isolation voltage 500Vdc
100
-
-
MΩ
Operating temperature
- 40
-
85
℃
Storage temperature
- 55
-
125
℃
Storage humidity
5
-
95
%RH
Pin wave soldering temperature
Welding point from the shell 1.5mm,10s
-
-
300
℃
Pin manual welding temperature
Welding point from the shell 1.5mm,10s
-
-
425
℃
Vibration
-
10 -
TOPPOWER


Similar Part No. - TP06DE

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP06DA TOPPOWER-TP06DA Datasheet
201Kb / 4P
6W Wide Input Voltage DC/DC Converters
TP06DA TOPPOWER-TP06DA Datasheet
263Kb / 4P
6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA TOPPOWER-TP06DA Datasheet
237Kb / 4P
6W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA TOPPOWER-TP06DA Datasheet
233Kb / 4P
6W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA05D05 TOPPOWER-TP06DA05D05 Datasheet
746Kb / 4P
6W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
More results

Similar Description - TP06DE

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIW3000 TOTAL-POWER-MIW3000 Datasheet
245Kb / 8P
5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW4100 TOTAL-POWER-MIW4100 Datasheet
208Kb / 7P
5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW3000 MINMAX-MIW3000 Datasheet
246Kb / 8P
5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW3100 MINMAX-MIW3100 Datasheet
213Kb / 8P
5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW4000 MINMAX-MIW4000 Datasheet
224Kb / 8P
5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW4100 MINMAX-MIW4100 Datasheet
221Kb / 7P
5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
logo
Murata Power Solutions ...
NDS6 MURATA-PS-NDS6 Datasheet
146Kb / 6P
Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP06DA TOPPOWER-TP06DA Datasheet
201Kb / 4P
6W Wide Input Voltage DC/DC Converters
TP06DB TOPPOWER-TP06DB Datasheet
186Kb / 4P
6W Wide Voltage Input DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com