Electronic Components Datasheet Search
  English  ▼

X  

HA16163T Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA16163T
Description  Synchronous Phase Shift Full-Bridge Control IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16163T Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA16163T Datasheet HTML 9Page - Renesas Technology Corp HA16163T Datasheet HTML 10Page - Renesas Technology Corp HA16163T Datasheet HTML 11Page - Renesas Technology Corp HA16163T Datasheet HTML 12Page - Renesas Technology Corp HA16163T Datasheet HTML 13Page - Renesas Technology Corp HA16163T Datasheet HTML 14Page - Renesas Technology Corp HA16163T Datasheet HTML 15Page - Renesas Technology Corp HA16163T Datasheet HTML 16Page - Renesas Technology Corp HA16163T Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
HA16163T
Rev.5.0, Mar.15.2004, page 13 of 29
Oscillator
The oscillation frequency of the oscillator is set by means of a resistance connected between the RT pin and GND. The
following graph shows the relationship between the external resistance and the oscillation frequency. The typical value
of the oscillation frequency is given by the following equation.
fosc =
[Hz]
1
30p[F]
× RT[Ω] + 50[ns]
10000
10
10
1000
100
RT (k
Ω)
fosc vs. RT
100
1000
RT
SYNC
RT
(2.7V)
GND
HA16163
SYNC pin: open
CSYNC = 5pF
Figure 6
Place the resistor for connection to the RT pin as close to the pin as is possible. Please design the pattern so that the
level of cross-talk from other signals is minimized.
Synchronized Operation
Parallel synchronized operation is possible by connecting the SYNC pins of HA16163s. In this case, up to four slave
ICs can be connected to one master IC. A value of at least twice the master RT value should be set for the slave IC RT
values.
RT
RT
SYNC
SYNC
RT
2*RT
(2.7V)
(2.7V)
GND
GND
HA16163
HA16163
RT
SYNC
2*RT
Max. 4 slaves
(2.7V)
GND
MASTER
SLAVE
SLAVE
HA16163
Figure 7 Parallel Synchronized Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com