Electronic Components Datasheet Search
  English  ▼

X  

HA16163T Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HA16163T
Description  Synchronous Phase Shift Full-Bridge Control IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16163T Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HA16163T Datasheet HTML 17Page - Renesas Technology Corp HA16163T Datasheet HTML 18Page - Renesas Technology Corp HA16163T Datasheet HTML 19Page - Renesas Technology Corp HA16163T Datasheet HTML 20Page - Renesas Technology Corp HA16163T Datasheet HTML 21Page - Renesas Technology Corp HA16163T Datasheet HTML 22Page - Renesas Technology Corp HA16163T Datasheet HTML 23Page - Renesas Technology Corp HA16163T Datasheet HTML 24Page - Renesas Technology Corp HA16163T Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
HA16163T
Rev.5.0, Mar.15.2004, page 21 of 29
• Case 2
The figure below shows an example in which a current amplifier is added by means of transistors. A reverse
current due to the exciting current is prevented by a blocking diode, and therefore capacitance CB is charged. In
this way, fluctuation of the Cref potential is suppressed and stable operation can be achieved.
As well as a buffer implemented by means of a transistor, standard logic IC or buffer IC connection is also possible.
The buffer circuit power supply method should be implemented in the same way.
OUT-E
HA16163
Vref
Internal
Circuitry
Cref
CB
Blocking diode
Case 2
• Case 3
The figure below shows an example of a drive power supply method using emitter following. For the same reason
as described above, fluctuation of the Cref potential is suppressed and stable operation can be achieved.
OUT-E
HA16163
Vref
Internal
Circuitry
Cref
CB
VCC
Case 3
Supplying Power from an External Power Supply
It is also possible to use an external source as the power supply for the HA16163T as shown in figure 13. The
VREF
GOOD circuit controls whether the IC is operating or stopped. The threshold voltage of the VREFGOOD circuit
is 4.6 V (typ.) on the rising edge and 4.4 V on the falling edge. Since the IC’s characteristics vary with the value of the
external voltage, this voltage must be provided by a high-precision 5-V source.
VREF
Vcc
HA16163T
Vext
5V ± 2%
Figure 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com