Electronic Components Datasheet Search
  English  ▼

X  

INA290 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA290
Description  INA290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current-Sense Amplifier in Small (SC-70) Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA290 Datasheet(HTML) 1 Page - Texas Instruments

  INA290 Datasheet HTML 1Page - Texas Instruments INA290 Datasheet HTML 2Page - Texas Instruments INA290 Datasheet HTML 3Page - Texas Instruments INA290 Datasheet HTML 4Page - Texas Instruments INA290 Datasheet HTML 5Page - Texas Instruments INA290 Datasheet HTML 6Page - Texas Instruments INA290 Datasheet HTML 7Page - Texas Instruments INA290 Datasheet HTML 8Page - Texas Instruments INA290 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
ADC
IN+
IN±
OUT
V
BUS
+
±
Buffer
Current
Feedback
V
S
GND
RL
R1
R1
Bias
Load
R
SENSE
I
SENSE
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA290
SBOS961 – JUNE 2020
INA290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current-Sense Amplifier in Small (SC-70)
Package
1
1 Features
1
•
Wide common-mode voltage:
–
Operational voltage: 2.7 V to 120 V
–
Survival voltage:
−20 V to +122 V
•
Excellent CMRR:
–
160-dB DC
–
85-dB AC at 50 kHz
•
Accuracy
–
Gain:
–
Gain error: ±0.1% (maximum)
–
Gain drift: ±5 ppm/°C (maximum)
–
Offset:
–
Offset voltage: ±12 µV (maximum)
–
Offset drift: ±0.2 µV/°C (maximum)
•
Available gains:
–
INA290A1: 20 V/V
–
INA290A2: 50 V/V
–
INA290A3: 100 V/V
–
INA290A4: 200 V/V
–
INA290A5: 500 V/V
•
High bandwidth: 1.1 MHz
•
Slew rate: 2 V/µs
•
Quiescent current: 370 µA
2 Applications
•
Active antenna system mMIMO (AAS)
•
Macro remote radio unit (RRU)
•
48-V rack server
•
48-V merchant network & server power supply
•
Test and measurement
3 Description
The
INA290
is
an
ultra-precise
current
sense
amplifier that can measure voltage drops across
shunt resistors over a wide common-mode range
from 2.7 V to 120 V. It is in a highly space-efficient
SC-70 package with a PCB footprint of only 2.0 mm ×
2.1 mm. The ultra-precise current measurement
accuracy is achieved thanks to the combination of an
ultra-low offset voltage of ±12 µV (maximum), a small
gain error of ±0.1% (maximum), and a high DC
CMRR of 160 dB (typical). The INA290 is not only
designed for DC current measurement, but also for
high-speed
applications
(like
fast
overcurrent
protection, for example) with a high bandwidth of 1
MHz (at gain of 20 V/V) and a 85-dB AC CMRR (at
50 kHz).
The INA290 operates from a single 2.7-V to 20-V
supply and draws a 370-µA supply current (typical).
The INA290 is available with five gain options: 20
V/V, 50 V/V, 100 V/V, 200 V/V, and 500 V/V. The low
offset of the zero-drift architecture enables current
sensing with low ohmic shunts as specified over the
extended operating temperature range (
−40 °C to
+125 °C).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA290
SC-70 (5)
2.00 mm × 1.25 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Typical Application


Similar Part No. - INA290

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA290 TI-INA290 Datasheet
1Mb / 27P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA290 TI-INA290 Datasheet
1Mb / 27P
INA290-Q1 AEC-Q100, 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA290 TI-INA290 Datasheet
1Mb / 32P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA290 TI-INA290 Datasheet
2Mb / 37P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise, Current-Sense Amplifier
INA290 TI2-INA290 Datasheet
2Mb / 45P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise, Current-Sense Amplifier
REVISED JUNE 2021
More results

Similar Description - INA290

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA290-Q1 TI1-INA290-Q1 Datasheet
366Kb / 16P
INA290-Q1 AEC-Q100, 2.7-V to 110-V, 800-kHz, Ultra-Precise Current-Sense Amplifier in Small (SC-70) Package
INA290 TI-INA290_V01 Datasheet
1Mb / 27P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA280 TI-INA280 Datasheet
1Mb / 25P
INA280 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
INA290-Q1 TI-INA290-Q1_V01 Datasheet
1Mb / 27P
INA290-Q1 AEC-Q100, 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA280-Q1 TI-INA280-Q1 Datasheet
1Mb / 25P
INA280-Q1 AEC-Q100, 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
INA290 TI-INA290_V02 Datasheet
1Mb / 32P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA290 TI-INA290_V03 Datasheet
2Mb / 37P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise, Current-Sense Amplifier
INA296A TI-INA296A_V02 Datasheet
2Mb / 33P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED AUGUST 2022
INA296A TI1-INA296A_V03 Datasheet
2Mb / 38P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED JULY 2023
INA296A TI-INA296A_V04 Datasheet
2Mb / 43P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com