Electronic Components Datasheet Search
  English  ▼

X  

INA290 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA290
Description  INA290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current-Sense Amplifier in Small (SC-70) Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA290 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA290 Datasheet HTML 9Page - Texas Instruments INA290 Datasheet HTML 10Page - Texas Instruments INA290 Datasheet HTML 11Page - Texas Instruments INA290 Datasheet HTML 12Page - Texas Instruments INA290 Datasheet HTML 13Page - Texas Instruments INA290 Datasheet HTML 14Page - Texas Instruments INA290 Datasheet HTML 15Page - Texas Instruments INA290 Datasheet HTML 16Page - Texas Instruments INA290 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Output Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
200
300
400
500
600
700
800
900
1000
1100
1200
G = 20
G = 50
G = 100
G = 200
G = 500
13
INA290
www.ti.com
SBOS961 – JUNE 2020
Product Folder Links: INA290
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Feature Description (continued)
7.3.1.1 Input-Signal Bandwidth
The INA290 –3-dB bandwidth is gain dependent with several gain options of 20 V/V, 50 V/V, 100 V/V, 200 V/V,
and 500 V/V as shown in Figure 8. The unique multistage design enables the amplifier to achieve high bandwidth
at all gains. This high bandwidth provides the throughput and fast response that is required for the rapid
detection and processing of overcurrent events.
The bandwidth of the device also depends on the applied VSENSE voltage. Figure 36 shows the bandwidth
performance profile of the device over frequency as output voltage increases for each gain variation. As shown in
Figure 36, the device exhibits the highest bandwidth with higher VSENSE voltages, and the bandwidth is higher
with lower device gain options. Individual requirements determine the acceptable limits of error for high-
frequency, current-sensing applications. Testing and evaluation in the end application or circuit is required to
determine the acceptance criteria and validate whether or not the performance levels meet the system
specifications.
Figure 36. Bandwidth vs Output Voltage
7.3.1.2 Low Input Bias Current
The INA290 input bias current draws 20 µA (typical) even with common-mode voltages as high as 120 V. This
enables precision current sensing in applications where the sensed current is small or applications that require
lower input leakage current.
7.3.1.3 Low VSENSE Operation
The INA290 enables accurate current measurement across the entire valid VSENSE range. The zero-drift input
architecture of the INA290 provides the low offset voltage and low offset drift needed to measure low VSENSE
levels accurately across the wide operating temperature of –40 °C to +125 °C. The capability to measure low
sense voltages enables accurate measurements at lower load currents, and also allows reduction of the sense
resistor value for a given operating current, which minimizes the power loss in the current sensing element.
7.3.1.4 Wide Fixed Gain Output
The INA290 gain error is < 0.1% at room temperature for most gain options, with a maximum drift of 5 ppm/°C
over the full temperature range of –40 °C to +125 °C. The INA290 is available in multiple gain options of 20 V/V,
50 V/V, 100 V/V, 200 V/V, and 500 V/V, which the system designer should select based on their desired signal-
to-noise ratio and other system requirements.
The INA290 closed-loop gain is set by a precision, low-drift internal resistor network. The ratio of these resistors
are excellently matched, while the absolute values may vary significantly. TI does not recommend adding
additional resistance around the INA290 to change the effective gain because of this variation, however. The
typical values of the gain resistors are described in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com