Electronic Components Datasheet Search
  English  ▼

X  

OPA145 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA145
Description  OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA145 Datasheet(HTML) 2 Page - Texas Instruments

  OPA145 Datasheet HTML 1Page - Texas Instruments OPA145 Datasheet HTML 2Page - Texas Instruments OPA145 Datasheet HTML 3Page - Texas Instruments OPA145 Datasheet HTML 4Page - Texas Instruments OPA145 Datasheet HTML 5Page - Texas Instruments OPA145 Datasheet HTML 6Page - Texas Instruments OPA145 Datasheet HTML 7Page - Texas Instruments OPA145 Datasheet HTML 8Page - Texas Instruments OPA145 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
2
OPA145, OPA2145
SBOS427D – JUNE 2017 – REVISED JUNE 2020
www.ti.com
Product Folder Links: OPA145 OPA2145
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information: OPA145 .................................. 5
6.5
Thermal Information: OPA2145 ................................ 5
6.6
Electrical Characteristics: VS = 4.5 V to 36 V; ±2.25 V
to ±18 V...................................................................... 6
6.7
Typical Characteristics .............................................. 8
7
Detailed Description ............................................ 16
7.1
Overview ................................................................. 16
7.2
Functional Block Diagram ....................................... 16
7.3
Feature Description................................................. 17
7.4
Device Functional Modes........................................ 23
8
Application and Implementation ........................ 24
8.1
Application Information............................................ 24
8.2
Typical Application ................................................. 24
8.3
System Examples ................................................... 25
9
Power Supply Recommendations ...................... 27
10
Layout................................................................... 27
10.1
Layout Guidelines ................................................. 27
10.2
Layout Example .................................................... 28
11
Device and Documentation Support ................. 29
11.1
Device Support...................................................... 29
11.2
Documentation Support ........................................ 29
11.3
Related Links ........................................................ 30
11.4
Receiving Notification of Documentation Updates 30
11.5
Support Resources ............................................... 30
11.6
Trademarks ........................................................... 30
11.7
Electrostatic Discharge Caution ............................ 30
11.8
Glossary ................................................................ 30
12
Mechanical, Packaging, and Orderable
Information ........................................................... 30
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (July 2018) to Revision D
Page
•
Added OPA2145 advanced information (preview) device and associated content to data sheet.......................................... 1
Changes from Revision B (May 2018) to Revision C
Page
•
Deleted "preview" from information re: DBV (SOT-23) package, now released ................................................................... 1
•
Changed status of data sheet to "Production Data" .............................................................................................................. 1
Changes from Revision A (March 2018) to Revision B
Page
•
Deleted "preview" from information re: DGK (VSSOP) package, now released ................................................................... 1
Changes from Original (June 2017) to Revision A
Page
•
Added preview of DBV and DGK packages; removed content regarding future device releases ........................................ 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com