Electronic Components Datasheet Search
  English  ▼

X  

OPA145 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA145
Description  OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA145 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA145 Datasheet HTML 9Page - Texas Instruments OPA145 Datasheet HTML 10Page - Texas Instruments OPA145 Datasheet HTML 11Page - Texas Instruments OPA145 Datasheet HTML 12Page - Texas Instruments OPA145 Datasheet HTML 13Page - Texas Instruments OPA145 Datasheet HTML 14Page - Texas Instruments OPA145 Datasheet HTML 15Page - Texas Instruments OPA145 Datasheet HTML 16Page - Texas Instruments OPA145 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Time (100 ns/div)
C017
V
OUT
V
IN
Time (100 ns/div)
C017
V
IN
V
OUT
0
5
10
15
20
25
30
35
40
45
50
10
100
1000
Capacitive Load (pF)
C004
G = +1
G = -1
Time (45 ms/div)
C017
V
OUT
V
IN
0
20
40
60
80
100
120
140
0.01
0.1
1
Output Voltage Swing from Rail (V)
-40°C
-5°C
25°C
85°C
125°C
C001
R
L = 2kŸ
R
L = 10kŸ
10
100
1k
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
C021
13
OPA145, OPA2145
www.ti.com
SBOS427D – JUNE 2017 – REVISED JUNE 2020
Product Folder Links: OPA145 OPA2145
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
VS = ±2.25 V
Figure 25. Open-Loop Gain vs Output Voltage
Swing to Supply
Figure 26. Open-Loop Output Impedance vs Frequency
10-mV Step
Figure 27. Small-Signal Overshoot vs Capacitive Load
Figure 28. No Phase Reversal
Figure 29. Positive Overload Recovery
Figure 30. Negative Overload Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com