Electronic Components Datasheet Search
  English  ▼

X  

FR317LF Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FR317LF
Description  3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FR317LF Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FR317LF Datasheet HTML 1Page - First Silicon Co., Ltd FR317LF Datasheet HTML 2Page - First Silicon Co., Ltd FR317LF Datasheet HTML 3Page - First Silicon Co., Ltd FR317LF Datasheet HTML 4Page - First Silicon Co., Ltd FR317LF Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2010. 10. 22
4/5
Revision No : 1
FR317L / LF
Fig.1- Load Regulation vs. Temperature
Fig.3-
Current Limit
VIN-VOUT (V)
Fig.2- Adjustment Current vs. Temperature
Typical Characteristics Curves
Fig.4- Minimum Operating Current
VIN-VOUT (V)
Ta = 25°C
Ta = 25°C
Io = 10mA
Io = 100mA
Fig.5-
Power Dissipation(SOT-26)
100
150
0
50
0
C
0.1
0.2
0.3
No heat sink
1
3
1
3
Ambient Temperature Ta (
)
2
0.2
25
0
50
75
100 125 150
0
0.4
0.6
0.8
1.0
1.2
1
2 No heat sink
1
2
Fig.6-
Power Dissipation(SOT-89)
Ambient Temperature Ta (
)
FR-5 1.0 x 0.75 x 0.062 inch
Al;uminia 0.4 x 0.3 x0.024 inch
2
1 x 1 x 0.032 inch
Ceramic Sub
Ambient Temperature Ta (
)
Ambient Temperature Ta (
)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com