Electronic Components Datasheet Search
  English  ▼

X  

FR317LF Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FR317LF
Description  3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FR317LF Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FR317LF Datasheet HTML 1Page - First Silicon Co., Ltd FR317LF Datasheet HTML 2Page - First Silicon Co., Ltd FR317LF Datasheet HTML 3Page - First Silicon Co., Ltd FR317LF Datasheet HTML 4Page - First Silicon Co., Ltd FR317LF Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TYPICAL APPLICATION (PROGRAMMABLE REGULATOR)
VIN
VO
Adj
C
Adj
Adj
I
2
R
1
i
O
2
R
C
1
R
2
R
OUT
V
= 1.25V (1 +
) + I
R
1μF
0.1μF
VIN
Ci is required when regulator is located an appreciable distance from power supply filter.
Co is not needed for stability, however, in the range of 1μF to 100μF of aluminum or tantalum
electrolytic are commonly used to provide improved output impedance and rejection of transients.
Since IAdj is controlled to less then 100μA , the error associated with this term is negligible in most applications.
2010. 10. 22
3/5
FR317L/LF
Revision No : 1
FR317L/LF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com