Electronic Components Datasheet Search
  English  ▼

X  

FTA1271 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTA1271
Description  General Purpose Transistor PNP Silicon
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA1271 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTA1271 Datasheet HTML 1Page - First Silicon Co., Ltd FTA1271 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Tamb=25℃ unless otherwise specified)
SEMICONDUCTOR
TECHNICAL DATA
FTA1271
FEATURE
General Purpose Transistor
PNP Silicon
2010. 07. 22
1/2
Revision No : 0
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
L
4.70 MAX
4.80 MAX
3.70 MAX
1.00
1.27
0.85
0.45
14.00 0.50
2.30
D
1
2
3
B
G
H
F
F
E
C
E
0.51 MAX
M
+
_
0.55 MAX
1. EMITTER
2. COLLECTOR
3. BASE
High DC Current Gain
Complementary to KTC3203
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbo
Parameter
Value
Unit
VCBO
V
5
3
-
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
VCEO
V
0
3
-
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
VEBO
V
5
-
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
IC
A
8
.
0
-
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
PC
W
5
2
6
.
0
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
r
o
t
c
e
ll
o
C
RθJA
Thermal Resistance From Junction To Ambient
200
℃/W
Tj
0
5
1
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
℃
Tstg
0
5
1
+
~
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
℃
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= -0.1mA ,IE
V
5
3
-
0
=
Collector-emitter breakdown voltage
V(BR) CEO
IC=-10mA,IB
V
0
3
-
0
=
Emitter-base breakdown voltage
V(BR)EBO
IE=-0.1mA,IC
V
5
-
0
=
Collector cut-off current
ICBO
VCB=-35V,IE
1
.
0
-
0
=
μA
Collector cut-off current
ICEO
VCE=-25V,IB
2
.
0
-
0
=
μA
Emitter cut-off current
IEBO
VEB=-5V,IC
1
.
0
-
0
=
μA
hFE(1)
VCE=-1V, IC=-100mA
100
320
DC current gain
hFE(2)
VCE=-1V, IC=-700mA
35
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA,IB=-20mA
-0.7
V
Base-emitter voltage
VBE
VCE=-1V, IC
V
8
.
0
-
A
m
0
1
-
=
Transition frequency
fT
VCE=-5V,IC=-10mA
z
H
M
0
2
1
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
19
pF
CLASSIFICATION OF hFE(1)
RANK
Y
O
RANGE
0
2
3
-
0
6
1
0
0
2
-
0
0
1


Similar Part No. - FTA1271

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTA1270 FS-FTA1270 Datasheet
190Kb / 2P
General Purpose Transistor PNP Silicon
FTA1274 FS-FTA1274 Datasheet
106Kb / 1P
TRANSISTOR (PNP)
FTA1275 FS-FTA1275 Datasheet
104Kb / 1P
TRANSISTOR (PNP)
More results

Similar Description - FTA1271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
General Purpose Transistor PNP Silicon
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com