Electronic Components Datasheet Search
  English  ▼

X  

FTA1271 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTA1271
Description  General Purpose Transistor PNP Silicon
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA1271 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTA1271 Datasheet HTML 1Page - First Silicon Co., Ltd FTA1271 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Typical Characteristics
FTA1271
2010. 07. 22
2/2
Revision No : 0
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
10
2k
-30
-10
-3
-1
COLLECTOR CURRENT I
(mA)
C
h
- I
-1
-2
-3
-4
-5
-6
-200
-400
-600
-800
-1k
COMMON EMITTER
Ta=25 C
I =-1mA
B
-8
-7
-6
-5
-4
-3
-2
0
FE
C
COLLECTOR CURRENT I
(mA)
-1
-3
-100
-30
C
-0.01
V
- I
CE(sat)
C
BASE-EMITTER VOLTAGE V
(V)
-1
-0.2
BE
I
- V
C
BE
-100
-300 -1k
30
50
100
300
500
1k
COMMON EMITTER
V
=-1V
CE
Ta=100℃
Ta=25℃
Ta=-25℃
-300
-1k
-10
-0.03
-0.05
-0.1
-0.3
-0.5
-1
-3
COMMON EMITTER
I /I =25
C
B
Ta=100℃
Ta=25℃
Ta=-25℃
-0.4
-0.6
-0.8
-1.0
-3
-5
-10
-30
-50
-100
-300
-500
-1k
COMMON
EMITTER
V
=-1V
CE
500
0
AMBIENT TEMPERATURE Ta (℃)
Pc - Ta
25
50
75
100
125
150
175
525
550
575
600
625
650



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com