Electronic Components Datasheet Search
  English  ▼

X  

FTA1385D Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTA1385D
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA1385D Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTA1385D Datasheet HTML 1Page - First Silicon Co., Ltd FTA1385D Datasheet HTML 2Page - First Silicon Co., Ltd FTA1385D Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EPITAXIAL PLANAR PNP TRANSISTOR
LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
FEATURES
High Power Dissipation : PC =1.3W(Ta=25℃)
MAXIMUM RATING (Ta=25℃)
TO-252(D-PAK)
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60
0.2
6.10
0.2
5.0
0.2
1.10
0.2
2.70
0.2
2.30
0.1
1.00 MAX
2.30
0.2
0.5
0.1
2.00
0.20
0.50
0.10
E
0.91
0.10
M
0.90
0.1
O
A
C
I
J
H
F
F
P
L
1
2
3
1. BASE
2. COLLECTOR
3. EMITTER
1.00
0.10
P
0.95 MAX
Q
+
_
+
_
+
_
+
_
+
_
+
_
+
_
_
+
_
+
_
+
_
+
_
+
_
ELECTRICAL CHARACTERISTICS (Ta=25℃)
* Pulse test : PW
≤ 350 S, Duty Cycle≤ 2% Pulse
Note) hFE (2) Classification :
O:160 ~320,
Y:200~400.
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-7
V
Collector Current
DC
IC
-5
A
Pulse *
ICP
-8
Base Current
IB
-1
A
Collector Power
Dissipation
Ta=25℃
PC
1.3
W
Tc=25℃
15
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 ~ 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-50V, IE=0
-
-
-10
A
Emitter Cut-off Current
IEBO
VEB=-7V, IC=0
-
-
-10
A
DC Current Gain *
hFE1
VCE=-1V, IC=-0.1A
60
-
-
hFE 2 (Note)
VCE=-1V, IC=-2A
160
-
400
hFE3
VCE=-2V, IC=-5A
50
-
-
Collector-Emitter Saturation Voltage *
VCE(sat)
IC=-2A, IB=-0.2A
-
-0.14
-0.3
V
Base-Emitter Saturation Voltage *
VBE(sat)
IC=-2A, IB=-0.2A
-
-0.9
-1.2
V
Switching
Time
Turn On Time
ton
IB1
B1
I
CC
V
=-10V
IB2
IB2
20
µsec
-I
=I
=0.2A
1%
B1
B2
OUTPUT
DUTY CYCLE
INPUT
0
<
=
-
0.15
1
S
Storage Time
tstg
-
0.78
2.5
Fall Time
tf
-
0.18
1
DIM
MILLIMETERS
TO-251(I-PAK)
H
F
F
C
A
P
L
I
J
12
3
A
B
C
D
E
F
G
H
I
J
L
P
Q
6.60
0.2
6.10
0.2
5.0
0.2
1.10
0.2
9.50
0.6
2.30
0.1
0.76
0.1
1.0 MAX
2.30
0.2
0.5
0.1
0.50
0.1
1.0
0.1
0.90 MAX
G
1. BASE
2. COLLECTOR
3. EMITTER
K
2.0
0.2
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
* PW
≤10ms, Duty Cycle≤50%
℃
℃
SEMICONDUCTOR
NICAL DATA
FTA1385D/I
2018. 12. 26
1/3
Revision No : 0


Similar Part No. - FTA1385D

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTA1365 FS-FTA1365 Datasheet
590Kb / 3P
General Purpose Transistors
FTA1365-E FS-FTA1365-E Datasheet
590Kb / 3P
General Purpose Transistors
FTA1365-F FS-FTA1365-F Datasheet
590Kb / 3P
General Purpose Transistors
FTA1365-G FS-FTA1365-G Datasheet
590Kb / 3P
General Purpose Transistors
More results

Similar Description - FTA1385D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com