Electronic Components Datasheet Search
  English  ▼

X  

FTA1385D Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTA1385D
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA1385D Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTA1385D Datasheet HTML 1Page - First Silicon Co., Ltd FTA1385D Datasheet HTML 2Page - First Silicon Co., Ltd FTA1385D Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-6
-10
-1.2
-0.8
-0.4
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I - V
Pc - Ta
AMBIENT TEMPERATURE Ta (℃)
0
0
50
100
150
200
250
5
10
15
20
25
CASE TEMPERATURE Tc (℃)
0
0
120
50
160
200
100
150
d - T
T
C
40
80
0
-2
-20
-80
-40
-60
-100
S/b Limited
Dissipation
Limited
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
-1
-3
-10
-30
-0.1
-100
-0.3
-0.5
-1
-3
-5
-10
-5
-50
2mS*
10mS*
200mS
Dissipation
Limite
d
S/b
Limited
I (DC)MAX
I (Pulse)MAX
C
SAFE OPERATING AREA
-4
-6
-8
-10
25
75
125
175
20
60
100
140
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
-1.2
-1.6
-2.0
-2
-4
-8
I =0mA
B
I =-10mA
B
I =-20mA
B
I =-30mA
B
I =-40mA
B
I =-60mA
B
I =-80mA
B
I =-100mA
B
I =-150mA
B
-0.01
COLLECTOR CURRENT I (A)
C
h
- I
FE
C
-0.03
-0.1
-0.3
-1
-3
-10
1
3
5
10
30
50
100
300
500
1k
V =-2V
CE
V =-1V
CE
C
* SINGLE NONREPETIVE
PULSED Ta=25 C
CURVES MUST BE DERATED
LINERLY WITH INCREASE
IN TEMPERATURE
Tc=Ta
INFINITE HEAT SINK
REVERSE BIAS
0
FTA1385D/I
2018. 12. 26
2/3
Revision No : 0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com