Electronic Components Datasheet Search
  English  ▼

X  

S9014 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # S9014
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

S9014 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  S9014 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd S9014 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
5
10
15
20
25
30
35
40
45
50
0.1
1
10
100
100
1000
0.1
1
10
100
0
200
400
600
800
1000
1200
0.1
1
10
0.1
1
10
025
50
75
100
125
0
100
200
300
400
500
110
1
10
100
1000
1
10
100
10
100
1000
0.1
1
10
100
10
100
1000
8
7
5
4
3
2
6
1
0
18uA
16.2uA
14.4uA
12.6uA
108uA
9uA
7.2uA
5.4uA
3.6uA
I
B=1.8uA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Static Characteristic
V
BE
——
Ta=100℃
Ta=25℃
VCE=5V
5000
COLLCETOR CURRENT
I
C
(mA)
Ta=25℃
Ta=100℃
β=20
COLLECTOR CURRENT
I
C
(mA)
I
C
V
BEsat
——
f=1MHz
I
E=0/ IC=0
Ta=25
oC
C
ob
C
ib
20
V
CB
/ V
EB
C
ob
/ C
ib
——
REVERSE VOLTAGE
V
(V)
50
AMBIENT TEMPERATURE
Ta
(
)
℃
Pc
——
Ta
I
C
fT
——
VCE=5V
Ta=25
oC
I
C
COLLECTOR CURRENT
I
C
(mA)
60
200
0.4
Ta=100
oC
Ta=25
oC
V
CE=5V
I
C
h
FE
——
COLLECTOR CURRENT
I
C
(mA)
Ta=25℃
Ta=100℃
β=20
COLLECTOR CURRENT
I
C
(mA)
I
C
V
CEsat
——
2
Typical Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com