Electronic Components Datasheet Search
  English  ▼

X  

S9014 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # S9014
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

S9014 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  S9014 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd S9014 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-92 Plastic-Encapsulate Transistors
S9014
TRANSISTOR (NPN)
FEATURES
High Total Power Dissipation.(PC=0.45W)
High hFE and Good Linearity
Complementary to S9015
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
45
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
0.1
A
PC
Collector Power Dissipation
0.45
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100μA, IE=0
50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 1mA, IB=0
45
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=50V, IE=0
0.1
μA
Collector cut-off current
ICEO
VCE=35V, IB=0
0.1
μA
Emitter cut-off current
IEBO
VEB= 5V, IC=0
0.1
μA
DC current gain
hFE
VCE=5V, IC= 1mA
60
1000
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB= 5mA
0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA, IB= 5mA
1
V
Transition frequency
fT
VCE=5V, IC= 10mA
f=30MHz
150
MHz
CLASSIFICATION OF
hFE(1)
Rank
A
B
C
Range
60-150
100-300
300-400
TO-92
1. EMITTER
2. BASE
3. COLLECTOR
1
TIGER ELECTRONIC CO.,LTD


Similar Part No. - S9014

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S9014 FAIRCHILD-S9014 Datasheet
38Kb / 4P
Pre-Amplifier, Low Level & Low Noise
logo
AUK corp
S9014 AUK-S9014 Datasheet
92Kb / 3P
NPN Silicon Transistor
logo
List of Unclassifed Man...
S9014 ETC-S9014 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Transistors
logo
Weitron Technology
S9014 WEITRON-S9014 Datasheet
788Kb / 4P
NPN General Purpose Transistors
logo
Galaxy Semi-Conductor H...
S9014 BILIN-S9014 Datasheet
183Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - S9014

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com