Electronic Components Datasheet Search
  English  ▼

X  

FTC2655 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTC2655
Description  Low Saturation Voltage: VCE(sat)=0.5V(Max)(IC=1A)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC2655 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTC2655 Datasheet HTML 1Page - First Silicon Co., Ltd FTC2655 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FTC2655
2010. 9. 07
2/2
Revision No : 0
1
1
.
0
1
0
.
0
0
100
200
300
400
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
1
1
.
0
1
0
.
0
0.0
0.1
0.2
0.3
0.4
1
1
.
0
1
0
.
0
0.0
0.4
0.8
1.2
0
2
4
6
8
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
1
1
1
.
0
1
10
100
1000
COMMON EMITTER
V
CE=2V
2
IC
T
a=25
℃
T
a=100
℃
COLLECTOR CURRENT I
C
(A)
V
BE
I
C
——
COMMON EMITTER
V
CE=2V
2
T
a=100
℃
T
a=25
℃
BASE-EMMITER VOLTAGE V
BE (V)
2
β=20
T
a=100
℃
T
a=25
℃
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(A)
hFE ——
2
β=20
I
C
V
BEsat
——
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(A)
Static Characteristic
5mA
4 5mA
4mA
3 5mA
3mA
2.5mA
2mA
1.5mA
1mA
I
B=0.5mA
COMMON EMITTER
T
a=25
℃
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
f=1MHz
I
E=0/ IC=0
T
a=25
℃
20
V
CB/ VEB
C
ob/ Cib
——
C
ob
C
b
REVERSE VOLTAGE V (V)
0
25
50
75
100
125
150
0
200
400
600
800
1000
Pc —— Ta
AMBIENT TEMPERATURE Ta ( )
℃



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com