Electronic Components Datasheet Search
  English  ▼

X  

FTC4370A Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTC4370A
Description  TRANSISTOR (NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC4370A Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTC4370A Datasheet HTML 1Page - First Silicon Co., Ltd FTC4370A Datasheet HTML 2Page - First Silicon Co., Ltd FTC4370A Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FTC4370A
2011. 11. 16
2/3
Revision No : 0
I - V
C
CE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0
4
20
2.0
0
0.4
h
- I
FE
C
C
COLLECTOR CURRENT I (mA)
10
3
0.03
300
100
10
COLLECTOR CURRENT I (mA)
C
C
CE(sat)
V
- I
0
0.2
0
BASE-EMITTER VOLTAGE V
(V)
BE
BE
C
I - V
COLLECTOR CURRENT I (mA)
C
C
FE
h
- I
8
12
16
1.2
1.6
0.8
COMMON EMITTER
Ta=25 C
I =0mA
B
COMMON EMITTER
V =5V
CE
100
30
300
1K 2K
COMMON EMITTER
Ta=25 C
K
3
K
1
0
3
5
0.05
0.1
0.3
0.5
1.0
COMMON EMITTER
Ta=25 C
I /I
=10
C
B
B
C
I /I
=5
1
2
3
5
12
30
80
140
250
100
5
10
30
50
300
500
COMMON EMITTER
3
5
10
30
100
50
10
100
30
300
300
500
Tc=25 C
1K 2K
V =5V
V =10V
CE
CE
Ta=100 C
Ta=25 C
Ta=0 C
COLLECTOR CURRENT I (mA)
COMMON EMITTER
5
10
I /I =10
Ta=100
C
300
100
30
C
1K
3K
V
- I
CE(sat)
C
0.1
0.05
0.3
0.5
1.0
3.0
5.0
25
0
C B
0.4
0.6
0.8
1.0
1.2
1.4
200
400
600
800
1K
1.2K
1.4K
1.6K



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com