Electronic Components Datasheet Search
  English  ▼

X  

FTC4370A Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTC4370A
Description  TRANSISTOR (NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC4370A Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTC4370A Datasheet HTML 1Page - First Silicon Co., Ltd FTC4370A Datasheet HTML 2Page - First Silicon Co., Ltd FTC4370A Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FTC4370A
2011. 11. 16
3/3
Revision No : 0
C
- V
CB
COLLECTOR-BASE VOLTAGE V
(V)
1
ob
CB
3
5
10
30
50
100
I =0
f=1MHz
Tc=25 C
E
0.5
1
3 5
10
30 50 100 200
f - I
C
COLLECTOR CURRENT I (mA)
T
C
10
30
50
100
300
500
COMMON EMITTER
Tc=25 C
V
=2V
CE
2
5
10
30 50 100
300 500
V
=5V
CE
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
3
5
10
30
0.01
I MAX(PULSED)
C
*
C
I MAX
100
300
50
0.03
0.05
0.1
0.3
0.5
1
3
5
SINGLE
NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE
DERATED LINEARLY WITH
INCREASE IN TEMPERATURE
*
(CONTINUOUS)
DC
OPERATION
*
500ms
100ms
* * *
THERMAL
LIMITED
V
MAX=160V
KTC4370
CEO
V
MAX=180V
KTC4370A
CEO
AMBIENT TEMPERATURE Ta ( C)
0
0
Pc - Ta
20
40
60
80
100
5
10
15
20
140
120
160
25
Tc=Ta
INFINITE HEAT SINK
NO HEAT SINK
1
1
2
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com