Electronic Components Datasheet Search
  English  ▼

X  

FTD1408 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTD1408
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD1408 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTD1408 Datasheet HTML 1Page - First Silicon Co., Ltd FTD1408 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2012. 02. 27
1/2
SEMICONDUCTOR
TECHNICAL DATA
FTD1408
Revision No : 0
TO-220F
A
A
B
C
C
D
D
E
E
F
G
H
H
1 52 MAX
1 52 MAX
J
K
L
M
L
N
N
N
O
Q
R
R
1
2
3
M
DIM
MILLIMETERS
10 16
0 20
+
_
15 00
0 20
+
_
3 00
0 20
+
_
0 625±0 125
3 50 typ
0 45
0 1
+
_
3 80
0 2
+
_
13 20
0 20
+
_
2 54
0 2
+
_
4 50
0 2
+
_
6 36
0 3
+
_
2 70
0 20
+
_
2 7 typ
16 80
0 4
+
_
1. Base
2. Collector
3. Emitter
FTD1408
TRANSISTOR (NPN)
FEATURES
Low Frequency Amplifier
Medium Speed Switching
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
t
i
n
U
e
u
l
a
V
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
VCBO
V
0
8
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
VCEO
V
0
8
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
VEBO
V
5
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
IC
A
4
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
PC
W
2
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
r
o
t
c
e
ll
o
C
RθJA
Thermal Resistance From Junction To Ambient
62.5
℃/W
Tj
0
5
1
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
℃
Tstg
0
5
1
+
~
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100
μA,IE=0
80
V
Collector-emitter breakdown voltage
V(BR)CEO
*
IC=50mA,IB=0
80
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100
μA,IC=0
5
V
Collector cut-off current
ICBO
VCB=80V,IE
0
3
0
=
μA
Emitter cut-off current
IEBO
VEB=5V,IC
0
0
1
0
=
μA
hFE(1)
VCE=5V, IC=0.5A
40
240
DC current gain
hFE(2)
VCE=5V, IC=3A
15
Collector-emitter saturation voltage
VCE(sat)
IC=3A,IB=0.3A
1.5
V
Base-emitter voltage
VBE
VCE=5V, IC=3A
1.5
V
Transition frequency
fT
VCE=5V,IC=0.5A
8
MHz
Collector output capacitance
Cob
VCB=10V,IE=0, f=1MHz
90
pF
*Pulse test: pulse width
≤300μs, duty cycle≤ 2.0%.
CLASSIFICATION OF hFE(1)
Y
O
R
K
N
A
R
RANGE
0
4
2
-
0
2
1
0
4
1
-
0
7
0
8
-
0
4


Similar Part No. - FTD1408

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTD1465 FS-FTD1465 Datasheet
718Kb / 9P
40V 600mA 1MHz synchronous Buck Converter
FTD1465SOT23-6 FS-FTD1465SOT23-6 Datasheet
718Kb / 9P
40V 600mA 1MHz synchronous Buck Converter
FTD1465SOT23-6R FS-FTD1465SOT23-6R Datasheet
718Kb / 9P
40V 600mA 1MHz synchronous Buck Converter
FTD1465TR FS-FTD1465TR Datasheet
718Kb / 9P
40V 600mA 1MHz synchronous Buck Converter
FTD1466 FS-FTD1466 Datasheet
671Kb / 7P
60V 800mA 480KHz synchronous Buck Converter
More results

Similar Description - FTD1408

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com