Electronic Components Datasheet Search
  English  ▼

X  

FTD1408 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTD1408
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD1408 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTD1408 Datasheet HTML 1Page - First Silicon Co., Ltd FTD1408 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2012.02. 27
2/2
FTD1408
Revision No : 0
Typical Characteristics
n
i
a
G
t
n
e
r
r
u
c
C
D
.
2
e
r
u
g
i
F
c
it
s
ir
e
t
c
a
r
a
h
C
c
it
a
t
S
.
1
e
r
u
g
i
F
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
g
n
it
a
r
e
D
r
e
w
o
P
.
6
e
r
u
g
i
F
a
e
r
A
g
n
it
a
r
e
p
O
e
f
a
S
.
5
e
r
u
g
i
F
01
2
3
4
5
0.0
0.8
1.6
2.4
3.2
4.0
I B=
160
mA
I
B = 60mA
IB = 100
mA
I
B = 40mA
I B=
120
mA
I
B =
80mA
I B=
240
mA
I
B = 20mA
I B=
200
mA
I
B = 0mA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0.001
0.01
0.1
1
10
1
10
100
1000
V
CE = 5V
I
C[A], COLLECTOR CURRENT
0.001
0.01
0.1
1
10
0.01
0.1
1
10
I
C = 10 IB
I
C[A], COLLECTOR CURRENT
0.0
0.4
0.8
1.2
1.6
0
1
2
3
4
V
CE = 5V
V
BE[V], BASE-EMITTER VOLTAGE
0
0
0
1
0
0
1
0
1
1
0.1
1
10
100
DC
I
Cmax(pulse)
I
C(max)
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
5
10
15
20
25
30
35
T
C[
oC], CASE TEMPERATURE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com