Electronic Components Datasheet Search
  English  ▼

X  

FTD1499 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTD1499
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD1499 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTD1499 Datasheet HTML 1Page - First Silicon Co., Ltd FTD1499 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2013. 04. 05
1/2
SEMICONDUCTOR
TECHNICAL DATA
FTD1499
Revision No : 0
FTD1499
TRANSISTOR (NPN)
FEATURES
TO-220F
A
A
B
C
C
D
D
E
E
F
G
H
H
1 52 MAX
1 52 MAX
J
K
L
M
L
N
N
N
O
Q
R
R
1
2
3
M
DIM
MILLIMETERS
10 16
0 20
+
_
15 00
0 20
+
_
3 00
0 20
+
_
0 625±0 125
3 50 typ
0 45
0 1
+
_
3 80
0 2
+
_
13 20
0 20
+
_
2 54
0 2
+
_
4 50
0 2
+
_
6 36
0 3
+
_
2 70
0 20
+
_
2 7 typ
16 80
0 4
+
_
1. Base
2. Collector
3. Emitter
Extremely Satisfactory Linearity of the Forward Current
Transfer Ratio hFE
Wide Safe Operation Area
High Transition Frequency fT
Full-pack Package which can be Installed to the Heat Sink with
One Screw.
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
100
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
5
A
PC
Collector Power Dissipation
2
W
TJ
Junction temperature
150
℃
Tstg
Storage Temperature
-55to+150
℃
ELECTRICAL
CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100μA,IE=0
100
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA,IB
0
0
1
0
=
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA,IC=0
5
V
Collector cut-off current
ICEO
VCE=50V,IB 0
=
50
µA
Collector cut-off current
ICBO
VCB=100V,IE 0
=
50
µA
Emitter cut-off current
IEBO
VEB=3V,IC 0
=
50
µA
hFE(1)
VCE=5V,IC=20mA
20
hFE(2)
VCE=5V,IC
0
6
A
1
=
200
DC current gain
hFE(3)
VCE=5V,IC=3A
20
Collector-emitter saturation voltage
VCE(sat)
IC=3A,IB
A
3
.
0
=
2
V
Base-emitter voltage
VBE
VCE=5V,IC
A
3
=
1.8
V
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
90
pF
Transition frequency
fT
VCE = 5 V, IC = 0.5 A, f = 1 MHz
20
MHz
CLASSIFICATION OF hFE2
P
Q
k
n
a
R
Range
0
0
2
-
0
0
1
0
2
1
-
0
6


Similar Part No. - FTD1499

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTD1408 FS-FTD1408 Datasheet
179Kb / 2P
TRANSISTOR (NPN)
FTD1465 FS-FTD1465 Datasheet
718Kb / 9P
40V 600mA 1MHz synchronous Buck Converter
FTD1465SOT23-6 FS-FTD1465SOT23-6 Datasheet
718Kb / 9P
40V 600mA 1MHz synchronous Buck Converter
FTD1465SOT23-6R FS-FTD1465SOT23-6R Datasheet
718Kb / 9P
40V 600mA 1MHz synchronous Buck Converter
FTD1465TR FS-FTD1465TR Datasheet
718Kb / 9P
40V 600mA 1MHz synchronous Buck Converter
More results

Similar Description - FTD1499

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com