Electronic Components Datasheet Search
  English  ▼

X  

FTD1499 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTD1499
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD1499 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTD1499 Datasheet HTML 1Page - First Silicon Co., Ltd FTD1499 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2013.04. 05
2/2
FTD1499
Revision No : 0
PC
I
a
T
—
C — VCE
IC — VBE
VCE(sat) — IC
hFE — IC
fT — IC
R
)
O
S
A
(
n
o
it
a
r
e
p
o
e
f
a
s
f
o
a
e
r
A
th(t) — t
0
6
1
0
40
120
80
140
20
100
60
0
80
60
20
50
70
40
10
30
(1) TC=Ta
(2) With a 100 ×100 ×2mm
Al heat sink
(3) Without heat sink
(PC=2.0W)
(1)
(2)
(3)
Ambient temperature Ta (˚C)
2
1
0
10
8
2
6
4
0
10
8
6
4
2
TC=25˚C
IB=100mA
80mA
40mA
20mA
10mA
60mA
Collector to emitter voltage VCE (V)
0
.
2
0
1.6
0.4
1.2
0.8
0
8
6
2
5
7
4
1
3
VCE=5V
TC=100˚C
25˚C
–25˚C
Base to emitter voltage VBE (V)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
IC/IB=10
TC=100˚C
25˚C
–25˚C
Collector current IC (A)
0.01
0.1
1
10
0.03
0.3
3
1
3
10
30
100
300
1000
3000
10000
VCE=5V
TC=100˚C
25˚C
–25˚C
Collector current IC (A)
0.01
0.1
1
10
0.03
0.3
3
0.1
0.3
1
3
10
30
100
300
1000
VCE=5V
f=1MHz
TC=25˚C
Collector current IC (A)
1
10
100
1000
3
30
300
0.01
0.03
0.1
0.3
1
3
10
30
100
Non repetitive pulse
TC=25˚C
ICP
IC
10ms
t=1ms
DC
Collector to emitter voltage VCE (V)
10–3
102
10–2
1
10–1
0
1
0
1
3
104
10–2
10–1
1
10
102 (1) Without heat sink
(2) With a 100 ×100 ×2mm Al heat sink
(1)
(2)
Time t (s)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com