Electronic Components Datasheet Search
  English  ▼

X  

FTD4240 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FTD4240
Description  General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD4240 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTD4240 Datasheet HTML 1Page - First Silicon Co., Ltd FTD4240 Datasheet HTML 2Page - First Silicon Co., Ltd FTD4240 Datasheet HTML 3Page - First Silicon Co., Ltd FTD4240 Datasheet HTML 4Page - First Silicon Co., Ltd FTD4240 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2014. 07. 01
4/5
Revision No : 0
FTD4240
ELECTRICAL CHARACTERISTIC CURVES (Ta = 25°C)
0.1
1
10
100
1000
0.0001
0.001
0.01
0.1
1
10
IC/IB=20
0
1
2
3
0
1
2
34
5
COLLECTOR-EMITTER VOLTAGE : VCE (V)
Fig.5 COLLECTOR CURRENT VS.COLLECTOR-
EMITTER SATURATION VOLTAGE
COLLECTOR CURRENT : IC (A)
Fig.6 COLLECTOR-EMITTER SATURATION
RESISTANCE VS.COLLECTOR CURRENT
IB=2mA
IB=4mA
IB=6mA
IB=8mA
IB=10mA
IB=12mA
IB=14mA
IB=16mA
IB=18mA
IB=20mA
Ta=25C
Ta=-55C
Ta=150C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com