Electronic Components Datasheet Search
  English  ▼

X  

FTD4240 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTD4240
Description  General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD4240 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTD4240 Datasheet HTML 1Page - First Silicon Co., Ltd FTD4240 Datasheet HTML 2Page - First Silicon Co., Ltd FTD4240 Datasheet HTML 3Page - First Silicon Co., Ltd FTD4240 Datasheet HTML 4Page - First Silicon Co., Ltd FTD4240 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
COLLECTOR
3
1
BASE
2
EMITTER
SEMICONDUCTOR
TECHNICAL DATA
FTD4240
2014. 07. 01
1/5
Revision No : 0
SOT–23
1
3
2
General Purpose Transistors
40V,2A Low VCE(sat) NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
40
V
Collector–Base Voltage
V CBO
40
V
Emitter–Base Voltage
V EBO
5.0
V
Collector Current — Continuous
I C
2
A
total power dissipation
D
Junction temperature
T j
150
°C
Storage temperature
T stg
-65 ~+150
°C
THERMAL CHARACTERISTICS
ORDERING INFORMATION
Symbol
Parameter
Conditions
Value
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air;note 1
in free air;note 2
417
K/W
260
K/W
• Low collector-emitter saturation voltage
• High current capability
• Improved device reliability due to reduced heat generation
• Replacement for SOT89/SOT-223 standard packaged transistors.
• Supply line switching circuits
• Battery management applications
• DC/DC converter applications
• Strobe flash units
• Heavy duty battery powered equipment (motor and lamp drivers).
NPN low VCEsat transistor in a SOT-23 plastic package. PNP complement: FTB5240
We declare that the material of product compliance with RoHS requirements.
•
P
0.3
W
FTD4240
ZE
3000/Tape & Reel
Device
Marking
Shipping
DESCRIPTION
APPLICATIONS
FEATURES
S- Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC-Q101
Qualified and PPAP Capable.
•
1.Device mounted on a printed-circuit board,single sided copper,tinplated and standard footprint.
Notes:
2.Device mounted on a printed-circuit board,single sided copper,tinplated and mounted pad for collector 1 cm.2


Similar Part No. - FTD4240

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FTD-1200 FCI-FTD-1200 Datasheet
1Mb / 1P
DIODE TRIO Valeo Type
FTD-1300 FCI-FTD-1300 Datasheet
1Mb / 1P
DIODE TRIO LUCAS TYPE
logo
STEGO Elektrotechnik Gm...
FTD011 STEGO-FTD011 Datasheet
212Kb / 1P
TAMPER-PROOF DUAL THERMOSTAT (PRE-SET)
19.03.2019
logo
ARK Microelectronics Co...
FTD01N60 ARKMICRO-FTD01N60 Datasheet
382Kb / 10P
600V N-Channel MOSFET
Rev. 2.1 Jan. 2012
FTD01N60G ARKMICRO-FTD01N60G Datasheet
382Kb / 10P
600V N-Channel MOSFET
Rev. 2.1 Jan. 2012
More results

Similar Description - FTD4240

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com